Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDT2227 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # MMDT2227
Description  SMD General Purpose NPN | PNP Transistors SMD Universal-NPN | PNP-Transistoren
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MMDT2227 Datasheet(HTML) 2 Page - Diotec Semiconductor

  MMDT2227 Datasheet HTML 1Page - Diotec Semiconductor MMDT2227 Datasheet HTML 2Page - Diotec Semiconductor MMDT2227 Datasheet HTML 3Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MMDT2227
Characteristics
Kennwerte
Tj = 25°C
Min.
Typ.
Max.
DC current gain – Kollektor-Basis-Stromverhältnis
VCE = 10 V
IC = 0.1 mA
VCE = -10 V
IC = -0.1 mA
T1 - NPN
T2 - PNP
hFE
35
75
–
–
VCE = 10 V
IC = 1 mA
VCE = -10 V
IC = -1 mA
T1 - NPN
T2 - PNP
50
100
–
–
VCE = 10 V
IC = 10 mA
VCE = -10 V
IC = -10 mA
T1 - NPN
T2 - PNP
75
100
–
–
VCE = 10 V
IC = 150 mA
VCE = -10 V
IC = -150 mA
T1 - NPN
T2 - PNP
100
–
300
VCE = 10 V
IC = 500 mA
VCE = -10 V
IC = -500 mA
T1 - NPN
T2 - PNP
40
50
–
–
Collector-Emitter saturation voltage – Kollektor-Sättigungsspannung 1)
IC = 150 mA
IB = 15 mA
IC = -150 mA
IB = -15 mA
T1 - NPN
T2 - PNP
VCEsat
–
–
0.3 V
-0.4 V
IC = 500 mA
IB = 50 mA
IC = -500 mA
IB = -50 mA
T1 - NPN
T2 - PNP
VCEsat
–
–
1.0 V
-1.6 V
Base-Emitter-voltage – Basis-Emitter-Spannung 1)
IC = 150 mA
IB = 15 mA
IC = -150 mA
IB = -15 mA
T1 - NPN
T2 - PNP
VBE
0.6 V
–
–
–
1.2 V
-1.3 V
IC = 500 mA
IB = 50 mA
IC = -500 mA
IB = -50 mA
T1 - NPN
T2 - PNP
VBE
–
–
–
–
2.0 V
-2.6 V
Collector-Base cutoff current – Kollektor-Basis-Reststrom
VCB = 60 V
E open
VCB = -60 V
E open
ICBO
–
–
10 nA
-10 nA
Emitter-Base cutoff current – Emitter-Basis-Reststrom
VEB = 3 V
C open
VEB = -3 V
C open
IEBO
–
–
10 nA
-10 nA
Gain-Bandwidth Product – Transitfrequenz
VCE = 20 V, IC = 20 mA, f = 100 Mhz
VCE = -20 V, IC = -20 mA, f = 100 MHz
fT
300 Mhz
200 Mhz
–
–
Delay & Rise Time – Verzögerungs- und Anstiegszeit
VCC = 30 V
IC = 150m A VBE(off) = - 0.5 V
IB1 = 15 mA
td
tr
–
10 ns
25 ns
–
Storage & Fall Time – Speicher- und Abfallzeit
VCC = 30 V
IC = 150m A IB1 = IB2 =15 mA
ts
tf
–
225 ns
60 ns
–
Collector-Base Capacitance – Kollektor-Basis-Kapazität
VCB = 10 V, IE =ie = 0, f = 1 Mhz
VCB = -10 V, IE =ie = 0, f = 1 MHz
T1 - NPN
T2 - PNP
CCBO
–
–
8.0 pF
Typ. thermal resistance junction to ambient (per device)
Typ. Wärmewiderstand Sperrschicht – Umgebung (pro Bauteil)
RthA
420 K/W 2)
Disclaimer: See data book page 2 or website
Haftungssauschluss: Siehe Datenbuch Seite 2 oder Internet
1
Tested with pulses tp = 300 µs, duty cycle ≤ 2% – Gemessen mit Impulsen tp = 300 µs, Schaltverhältnis ≤ 2%
2
Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com