Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1303040407 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1303040407
Description  Brad Micro-Change (M12) Heavy-Duty Ethernet Double-Ended Cordset, 4 Poles, HDM12 to HDM12, XLPE Cable, 5.0m (16.40) Length
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

1303040407 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1303040407 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 02/02/2023
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1303040407
Status:
Active
Overview:
Brad Industrial Ethernet Solutions
Description:
Brad Micro-Change (M12) Heavy-Duty Ethernet Double-Ended Cordset, 4 Poles,
HDM12 to HDM12, XLPE Cable, 5.0m (16.40') Length
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Industrial Cordsets
Series
130304
Connector End A
Micro-Change (M12)
Connector End B
Micro-Change (M12)
IP Rating
IP69K
Material - Contact
Copper Alloy
Overview
Brad Industrial Ethernet Solutions
Product Name
Micro-Change (M12)
Protocol
N/A
Region
America
Taxonomy
Circular Industrial Cordsets
Type
Double Ended
UPC
78172515484
Physical
Cable Diameter
N/A
Cable Length
5.0m (16.40')
Color - Cable Jacket
Black
Coupling Style
Threaded
Gender
Male-Male
Keyway
D-coded
LED Indicator
No
Material - Cable Jacket
XLPE
Material - Connector Body
N/A
Material - Coupling Nut
Stainless Steel Type 303
Material - Plating Mating
Gold
Orientation
Straight to Straight
Poles
4
Temperature Range - Operating
-55° to +125°C
Wire Size AWG
18
Wire/Cable Type
Twisted Quad
Electrical
Current - Maximum per Contact
1.5A
Voltage - Maximum
30V DC
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-130304-005-001
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
For more information, please visit Contact US
China ROHS
Not Reviewed
ELV
Not Reviewed
RoHS Phthalates
Not Reviewed
Search Parts in this Series
130304 Series
This document was generated on 02/02/2023
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1303040407

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1303040401 MOLEX-1303040401 Datasheet
37Kb / 1P
Brad Micro-Change (M12) Heavy-Duty Ethernet Double-Ended Cordset, 4 Poles, HDM12 to HDM12, XLPE Cable, Length 0.30m (1.0)
02/01/2023
1303040403 MOLEX-1303040403 Datasheet
37Kb / 1P
Brad Micro-Change (M12) Heavy-Duty Ethernet Double-Ended Cordset, 4 Poles, HDM12 to HDM12, XLPE Cable, 1.0m (3.28) Length
02/02/2023
More results

Similar Description - 1303040407

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1303040003 MOLEX-1303040003 Datasheet
38Kb / 1P
Brad Micro-Change (M12) Heavy-Duty Ethernet Single-Ended Cordset, 4 Poles, HDM12 to Pigtail, XLPE Cable, 1.0m (3.28) Length
02/01/2023
1303040007 MOLEX-1303040007 Datasheet
37Kb / 1P
Brad Micro-Change (M12) Heavy-Duty Ethernet Single-Ended Cordset, 4 Poles, HDM12 to Pigtail, XLPE Cable, 5.0m (16.40) Length
02/01/2023
1303040012 MOLEX-1303040012 Datasheet
37Kb / 1P
Brad Micro-Change (M12) Heavy-Duty Ethernet Single-Ended Cordset, 4 Poles, HDM12 to Pigtail, XLPE Cable, 10.0m (32.81) Length
02/01/2023
1303040401 MOLEX-1303040401 Datasheet
37Kb / 1P
Brad Micro-Change (M12) Heavy-Duty Ethernet Double-Ended Cordset, 4 Poles, HDM12 to HDM12, XLPE Cable, Length 0.30m (1.0)
02/01/2023
1303040403 MOLEX-1303040403 Datasheet
37Kb / 1P
Brad Micro-Change (M12) Heavy-Duty Ethernet Double-Ended Cordset, 4 Poles, HDM12 to HDM12, XLPE Cable, 1.0m (3.28) Length
02/02/2023
1303040412 MOLEX-1303040412 Datasheet
37Kb / 1P
Brad Micro-Change (M12) Heavy-Duty Ethernet Double-Ended Cordset, 4 Poles, HDM12 to HDM12, XLPE Cable, 10.0m (32.81) Length
02/02/2023
1303045007 MOLEX-1303045007 Datasheet
35Kb / 1P
Brad Micro-Change (M12) Heavy-Duty Ethernet Single-Ended Cordset, 4 Poles, HDM12EX to Pigtail, XLPE Cable, 5.0m (16.40) Length
02/01/2023
1303045403 MOLEX-1303045403 Datasheet
35Kb / 1P
Brad Micro-Change (M12) Heavy-Duty Ethernet Double-Ended Cordset, 4 Poles, HDM12EX to HDM12EX, XLPE Cable, 1.0m (3.28) Length
02/01/2023
1303045407 MOLEX-1303045407 Datasheet
35Kb / 1P
Brad Micro-Change (M12) Heavy-Duty Ethernet Double-Ended Cordset, 4 Poles, HDM12EX to HDM12EX, XLPE Cable, 5.0m (16.40) Length
02/02/2023
1303045412 MOLEX-1303045412 Datasheet
35Kb / 1P
Brad Micro-Change (M12) Heavy-Duty Ethernet Double-Ended Cordset, 4 Poles, HDM12EX to HDM12EX, XLPE Cable, 10.0m (32.81) Length
01/31/2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com