Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2119FU/2 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # PCF2119FU/2
Description  LCD controllers/drivers
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2119FU/2 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button PCF2119FU/2 Datasheet HTML 42Page - NXP Semiconductors PCF2119FU/2 Datasheet HTML 43Page - NXP Semiconductors PCF2119FU/2 Datasheet HTML 44Page - NXP Semiconductors PCF2119FU/2 Datasheet HTML 45Page - NXP Semiconductors PCF2119FU/2 Datasheet HTML 46Page - NXP Semiconductors PCF2119FU/2 Datasheet HTML 47Page - NXP Semiconductors PCF2119FU/2 Datasheet HTML 48Page - NXP Semiconductors PCF2119FU/2 Datasheet HTML 49Page - NXP Semiconductors PCF2119FU/2 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 68 page
background image
2003 Jan 30
46
Philips Semiconductors
Product specification
LCD controllers/drivers
PCF2119X
handbook, full pagewidth
0
0
50
100
150
200
250
300
2.75
3.5
4.25
5
5.75
6.5
7.25
Vop (V)
IDD
(
µA)
(1)
(2)
(3)
MGW574
Fig.35 Typical charge pump characteristics for VDD = 2.7 V.
(1) 2
× multiplication factor.
(2) 3
× multiplication factor.
(3) 4
× multiplication factor.
handbook, full pagewidth
0
(1)
(2)
(3)
0
50
100
150
200
250
2.75
3.5
4.25
5
5.75
6.5
7.25
Vop (V)
IDD
(
µA)
MGW575
Fig.36 Typical charge pump characteristics for VDD =4V.
(1) 2
× multiplication factor.
(2) 3
× multiplication factor.
(3) 4
× multiplication factor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com