Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST33GXXXA Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST33GXXXA
Description  Secure MCU with 32-bit ARM® SecurCore® SC300™ CPU,SWP interface and high-density Flash memory, automotive grade
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33GXXXA Datasheet(HTML) 2 Page - STMicroelectronics

  ST33GXXXA Datasheet HTML 1Page - STMicroelectronics ST33GXXXA Datasheet HTML 2Page - STMicroelectronics ST33GXXXA Datasheet HTML 3Page - STMicroelectronics ST33GXXXA Datasheet HTML 4Page - STMicroelectronics ST33GXXXA Datasheet HTML 5Page - STMicroelectronics ST33GXXXA Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Description
ST33GxxxA
2/6
DocID027118 Rev 2
1
Description
The ST33GxxxA (see Table 1) is a serial access microcontroller designed for secure mobile
applications that incorporates the most recent generation of ARM® processors for
embedded secure systems. Its SecurCore® SC300™ 32-bit RISC core is built on the
Cortex® M3 core with additional security features to help to protect against advanced forms
of attacks.
The SC300™ core brings great performance and excellent code density thanks to the
Thumb®-2 instruction set.
The high-speed embedded Flash memory introduces more flexibility to the system.
The ST33GxxxA also offers a serial communication interface fully compatible with the
ISO/IEC 7816-3 standard (T=0, T=1) and a single-wire protocol (SWP) interface for
communication with a near field communication (NFC) router in SIM/NFC applications.
An SPI Master/Slave interface is also available for communication in non-SIM applications.
The ST33GxxxA features hardware accelerators for advanced cryptographic functions. The
EDES peripheral provides a secure DES (Data Encryption Standard) algorithm
implementation, while the NESCRYPT cryptoprocessor efficiently supports the public key
algorithm. The AES peripheral ensures secure and fast AES algorithm implementation.
The device operates in the –40 to +105 °C temperature range and 1.8 V, 3 V and 5 V supply
voltage ranges. A comprehensive range of power-saving modes enables the design of
efficient low-power applications.
The ST33GxxxA’s automotive grade is AEQ100 compliant and provides user Flash memory
capability up to 500 kcycles with 15 years’ data retention.
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com