Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H7B3II Datasheet(PDF) 61 Page - STMicroelectronics

Part # STM32H7B3II
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 2-Mbyte flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B3II Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STM32H7B3II Datasheet HTML 57Page - STMicroelectronics STM32H7B3II Datasheet HTML 58Page - STMicroelectronics STM32H7B3II Datasheet HTML 59Page - STMicroelectronics STM32H7B3II Datasheet HTML 60Page - STMicroelectronics STM32H7B3II Datasheet HTML 61Page - STMicroelectronics STM32H7B3II Datasheet HTML 62Page - STMicroelectronics STM32H7B3II Datasheet HTML 63Page - STMicroelectronics STM32H7B3II Datasheet HTML 64Page - STMicroelectronics STM32H7B3II Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 238 page
background image
Pin/ball name(1) (2)
Pin name
(function
after reset)
Pin
type
I/O
structure
Alternate functions
Additional
functions
65
F9
96
E2
F11
E13
125
E14
39
E9
66
99
F14
118
F14
PC9
I/O
FT_fh0
MCO2, TIM3_CH4,
TIM8_CH4,
I2C3_SDA, I2S_CKIN,
UART5_CTS,
OCTOSPIM_P1_IO0,
LCD_G3,
SWPMI_SUSPEND,
SDMMC1_D1,
DCMI_D3/PSSI_D3,
LCD_B2, EVENTOUT
-
-
-
-
-
-
J7
-
D14
-
-
-
-
F10
-
-
VSS
S
-
-
-
-
-
-
-
-
-
126
-
-
-
-
-
-
-
-
VDD
S
-
-
-
66
F10
97
E3
E12
B14
127
G11
40
D9
67
100
F15
119
F15
PA8
I/O
FT_fh0
MCO1, TIM1_CH1,
TIM8_BKIN2,
I2C3_SCL,
USART1_CK,
OTG_HS_SOF,
UART7_RX,
TIM8_BKIN2_COMP12,
LCD_B3, LCD_R6,
EVENTOUT
-
67
E9
98
F4
E11
D13
128
F12
41
C9
68
101
E15
120
E15
PA9
I/O
FT_u
TIM1_CH2,
LPUART1_TX,
I2C3_SMBA,
SPI2_SCK/I2S2_CK,
USART1_TX,
DCMI_D0/PSSI_D0,
LCD_R5, EVENTOUT
OTG_HS_VBUS
68
E10
99
D2
E10
C14
129
E13
42 D10
69
102
D15
121
D15
PA10
I/O
FT_u
TIM1_CH3,
LPUART1_RX,
USART1_RX,
OTG_HS_ID,
MDIOS_MDIO,
LCD_B4, DCMI_D1/
PSSI_D1, LCD_B1,
EVENTOUT
-
69
D10
100
D1
F13
C15
130
C15
43 C10
70
103
C15
122
C15
PA11
I/O
FT_u
TIM1_CH4,
LPUART1_CTS,
SPI2_SS/I2S2_WS,
UART4_RX,
USART1_CTS/
USART1_NSS,
FDCAN1_RX, LCD_R4,
EVENTOUT
OTG_HS_DM
70
D9
101
C1
E13
B15
131
C14
44
B10
71
104
B15
123
B15
PA12
I/O
FT_u
TIM1_ETR,
LPUART1_RTS,
SPI2_SCK/I2S2_CK,
UART4_TX,
USART1_RTS,
SAI2_FS_B,
FDCAN1_TX, LCD_R5,
EVENTOUT
OTG_HS_DP
71
C10
102
D3
D11
B13
132
E12
45
A10
72
105
A15
124
A15
PA13(JTMS/
SWDIO)
I/O
FT
JTMS/SWDIO,
EVENTOUT
-
72
D8
103
C2
D13
A14
133
F11
46
E7
73
106
F13
125
E11
VCAP
S
-
-
-
73
-
104
A1
B10
M6
134
F10
47
E5
74
107
F12
126
F10
VSS
S
-
-
-
74
-
105
B1
D12
A13
135
E10
-
-
-
-
-
-
-
VDDLDO
S
-
-
-
75
-
106
-
A10
-
136
F9
48
F5
75
108
-
127
F11
VDD
S
-
-
-
76
-
-
-
-
-
-
-
-
-
-
-
-
-
-
VDD33USB
S
-
-
-
STM32H7B3xI
Pin descriptions
DS13139 - Rev 8
page 61/238



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com