Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H7B3II Datasheet(PDF) 226 Page - STMicroelectronics

Part # STM32H7B3II
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 2-Mbyte flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B3II Datasheet(HTML) 226 Page - STMicroelectronics

Back Button STM32H7B3II Datasheet HTML 222Page - STMicroelectronics STM32H7B3II Datasheet HTML 223Page - STMicroelectronics STM32H7B3II Datasheet HTML 224Page - STMicroelectronics STM32H7B3II Datasheet HTML 225Page - STMicroelectronics STM32H7B3II Datasheet HTML 226Page - STMicroelectronics STM32H7B3II Datasheet HTML 227Page - STMicroelectronics STM32H7B3II Datasheet HTML 228Page - STMicroelectronics STM32H7B3II Datasheet HTML 229Page - STMicroelectronics STM32H7B3II Datasheet HTML 230Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 238 page
background image
Date
Revision
Changes
Extended Figure 55. ADC accuracy characteristics to both ADC resolutions and
updated Figure 56. Typical connection diagram using the ADC with FT/TT pins
featuring analog switch function.
Replace 110 °C by 130 °C in Table 100. Analog temperature sensor calibration
values.
Updated tsu(ADV-CLKH), th(CLKH-ADV), tsu(NWAIT-CLKH) and th(CLKH-NWAIT) minimum
values in Table 9. Updated tsu(DV-CLKH), th(CLKH-DV), t(NWAIT-CLKH) and th(CLKH-
NWAIT) minimum values in Table 82. Synchronous non-multiplexed NOR/PSRAM
read timings. Updated tsu(SDCLKH _Data) and th(SDCLKH _Data) minimum values in
Table 86. SDRAM read timings. Updated tsu(SDCLKH_Data) and th(SDCLKH_Data)
minimum values in Table 87. LPSDR SDRAM read timings.
Section 6.3.19 Octo-SPI interface characteristics:
•
Updated tS(IN)//tH(IN) conditions and minimum values in Table 90. OCTOSPI
characteristics in SDR mode. Updated Figure 49. OctoSPI timing diagram -
SDR mode.
•
Updated Table 91. OCTOSPI characteristics in DTR mode (with DQS)/Octal
and Hyperbus and Figure 50. OctoSPI timing diagram - DTR mode.
•
Updated Figure 51. OctoSPI Hyperbus clock, Figure 52. OctoSPI Hyperbus
read and Figure 53. OctoSPI Hyperbus write.
Table 118. SPI dynamic characteristics:
•
Changed tsu(MI) and th(MI) minimum values in Master mode.
•
Removed tw(SCKH), tw(SCKL).
Table 122. Dynamics characteristics: SDMMC characteristics, VDD=2.7 to 3.6 V:
•
Modified tISU and tIH minimum values for CMD/ D inputs in High-speed
mode.
•
Modified tISUD and tIH minimum values for CMD/ D inputs in Default mode.
Table 123. Dynamics characteristics: eMMC characteristics VDD=1.71V to 1.9V:
•
Removed SDIO_CK/fPCLK2 frequency ratio.
•
Modified tISU and tIH minimum values in CMD, D inputs (referenced to CK)
in eMMC mode.
Section 7.7 TFBGA216 package information:
•
Added note 2 below Figure 100. TFBGA216 - Outline.
•
Changed A maximum value from 1.100 to 1.200 and added note 2,3 4 and
5 in table 1.Table 136. TFBGA216 - Mechanical data.
•
Updated Figure 101. TFBGA216 - Recommended footprint and
Table 137. TFBGA216 - Recommended PCB design rules (0.8 mm pitch) .
Section 7.9 UFBGA169 package information:
•
Added note 2 below Figure 106. UFBGA169 - Outline.
•
Updated Table 140. UFBGA169 - Mechanical data.
•
Removed note related to non-solder mask below Figure 107. UFBGA169 -
Recommended footprint.
Section 7.10 UFBGA(176+25) package information:
•
Added note 2 below .
•
Updated .
18-May-2022
8
Renamed SPIx_NSS signal into SPIx_SS.
Updated Table 20. Current characteristics.
Removed fTraceCK / fJTCK from Table 23. Maximum allowed clock frequencies.
Updated note 3 in Table 40. Typical current consumption in System Stop mode.
Updated Table 61. EMI characteristics for fHSE = 8 MHz and fHCLK = 64 MHz.
Updated Table 66. Output voltage characteristics for all I/Os except PC13, PC14,
PC15 and PI8 and Table 67. Output voltage characteristics for PC13, PC14,
PC15 and PI8. Added Table 70. Pxy_C and Pxy analog switch characteristics.
STM32H7B3xI
DS13139 - Rev 8
page 226/238



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com