Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U545NET6QTR Datasheet(PDF) 132 Page - STMicroelectronics

Part # STM32U545NET6QTR
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545NET6QTR Datasheet(HTML) 132 Page - STMicroelectronics

Back Button STM32U545NET6QTR Datasheet HTML 128Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 129Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 130Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 131Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 132Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 133Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 134Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 135Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 136Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 283 page
background image
Electrical characteristics
STM32U545xx
132/283
DS14216 Rev 1
Figure 24. STM32U545xQ power supply scheme (with SMPS)
Note:
SMPS and LDO regulators provide, in a concurrent way, the VCORE supply depending on
application requirements. However, only one of them is active at the same time. When
SMPS is active, it feeds the VCORE on the two VDD11 pins supplied by the filtered SMPS
VLXSMPS output pin. A 2.2 µH coil and a 2.2 µF capacitor on each VDD11 pin are then
required. When LDO is active, it supplies the VCORE and regulates it using the same
decoupling capacitors on VDD11 pins. It is recommended to add a decoupling capacitor of
100 nF near each VDD11 pin/ball, but it is not mandatory.
MSv64359V3
VDDIO2
VDD
Kernel logic
(CPU, digital
and memories)
I/O
logic
Backup circuitry
(LSE, RTC, TAMP,
backup registers,
backup SRAM)
IN
OUT
GPIOs
1.65 – 3.6 V
IN
OUT
GPIOs
n x 100 nF
+ 10 μF
m x100 nF
I/O
logic
+ 4.7 μF
m x VDDIO2
m x VSS
n x VSS
n x VDD
VBAT
VCORE
Power switch
VDDIO2
VDDIO1
ADCs/
DACs/
OPAMPs/
COMPs/
VREFBUF
VREF+
VREF-
VDDA
100 nF
+ 1 μF
VDDA
VSSA
VREF
100 nF+ 1 μF
VSSSMPS
2 x VDD11
VLXSMPS
VDDSMPS
VDD
2.2 μH
2 x 2.2 μF
10 μF
SMPS ON
SMPS OFF
LDO
SMPS
VDDUSB
100 nF
Voltage regulator
VDDUSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com