Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U545NET6QTR Datasheet(PDF) 135 Page - STMicroelectronics

Part # STM32U545NET6QTR
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545NET6QTR Datasheet(HTML) 135 Page - STMicroelectronics

Back Button STM32U545NET6QTR Datasheet HTML 131Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 132Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 133Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 134Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 135Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 136Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 137Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 138Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 139Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 283 page
background image
DS14216 Rev 1
135/283
STM32U545xx
Electrical characteristics
258
5.3
Operating conditions
5.3.1
General operating conditions
Table 32. Thermal characteristics
Symbol
Ratings
Value
Unit
TSTG
Storage temperature range
–65 to +150
°C
TJ
Maximum junction temperature
140
Table 33. General operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
Standard operating
voltage
IO_VDD_HSLV(1) = 0
1.71(2)
-3.6
V
IO_VDD_HSLV = 1
1.71(2)
-2.7
VDDSMPS
Supply voltage for
the internal SMPS
step-down
converter
-VDD
VDDIO2
Supply voltage for
PG[15:2] I/Os
At least one I/O in
PG[15:2] used,
IO_VDDIO2_HSLV = 0
1.08
-
3.6
At least one I/O in
PG[15:2] used,
IO_VDDIO2_HSLV = 1
1.08
-
2.7
PG[15:2] I/Os not used
0
-
3.6
VDDUSB USB supply voltage
USB used
3.0
-
3.6
USB not used
0
-
3.6
VDDA
Analog supply
voltage
COMP used
1.58
-
3.6
DAC or OPAMP used
1.60
3.6
ADC used
1.62
-
3.6
VREFBUF used
(normal mode)
1.8
-
3.6
ADC, DAC, COMP,
OPAMP, and VREFBUF
not used
0-
3.6
VBAT
Backup domain
supply voltage
-1.65(3)
-3.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com