Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U545NET6QTR Datasheet(PDF) 209 Page - STMicroelectronics

Part # STM32U545NET6QTR
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545NET6QTR Datasheet(HTML) 209 Page - STMicroelectronics

Back Button STM32U545NET6QTR Datasheet HTML 205Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 206Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 207Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 208Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 209Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 210Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 211Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 212Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 213Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 283 page
background image
DS14216 Rev 1
209/283
STM32U545xx
Electrical characteristics
258
Output voltage levels
Unless otherwise specified, the parameters given in the table below are derived from tests
performed under the ambient temperature and supply voltage conditions summarized in
Table 33. All I/Os are CMOS- and TTL-compliant (FT OR TT unless otherwise specified).
Table 94. Output voltage characteristics (all I/Os except FT_c,
FT_t in VBAT mode, and FT_o I/Os(1))(2)(3)
Symbol
Parameter
Conditions
Min
Max
Unit
VOL
Output low-level voltage
CMOS port(4), |IIO| = 8 mA,
2.7 V ≤ VDDIOx ≤ 3.6 V
-0.4
V
VOH
Output high-level voltage
VDDIOx - 0.4
-
VOL(5)
Output low-level voltage
TTL port(4),|IIO| = 8 mA,
2.7 V ≤ VDDIOx ≤ 3.6 V
-0.4
VOH(5)
Output high-level voltage
2.4
-
VOL(5)
Output low-level voltage
All I/Os, |IIO| = 20 mA,
2.7 V ≤ VDDIOx ≤ 3.6 V
-1.3
VOH(5)
Output high-level voltage
VDDIOx - 1.3
-
VOL(5)
Output low-level voltage
|IIO| = 4 mA,
1.58 V ≤ VDDIOx ≤ 3.6 V
-0.4
VOH(5)
Output high-level voltage
VDDIOx - 0.4
-
VOL(5)
Output low-level voltage
|IIO| = 1 mA,
1.08 V ≤ VDDIOx <3.6 V
-0.4
VOH(5)
Output high-level voltage
VDDIOx - 0.4
-
VOLFM+(5)
Output low-level voltage for
a FT_f I/O pin in FM+ mode
|IIO| = 20 mA,
2.7 V ≤ VDDIOx ≤ 3.6 V
-0.4
|IIO| = 10 mA,
1.58 V ≤ VDDIOx ≤ 3.6 V
-0.4
|IIO| = 2 mA,
1.08 V ≤ VDDIOx < 3.6 V
-0.4
1. FT_t I/O characteristics are degraded only in VBAT mode (refer to Table 95).
2. The I/O structure options listed in this table can be a concatenation of options including the option explicitly listed. For
instance TT_a refers to any TT I/O with _a option. TT_xx refers to any TT I/O and FT_xx refers to any FT I/O.
3. The IIO current sourced or sunk by the device must always respect the absolute maximum rating specified in Table 31:
Current characteristics, and the sum of the currents sourced or sunk by all the I/Os (I/O ports and control pins) must always
respect the absolute maximum ratings ΣIIO.
4. TTL and CMOS outputs are compatible with JEDEC standards JESD36 and JESD52.
5. Specified by design. Not tested in production.
Table 95. Output voltage characteristics for FT_t I/Os in VBAT mode, and for FT_o I/Os(1)
Symbol
Parameter
Conditions
Min
Max
Unit
VOL
Output low-level voltage |I
IO| = 0.5 mA, 2.7 V ≤ VBAT ≤ 3.6 V,
VDD off
-0.4
V
VOH
Output high-level voltage
VDDIOx - 0.4
-
VOL
Output low-level voltage |I
IO| = 0.25 mA, 1.58 V ≤ VBAT ≤ 3.6 V,
VDD off
-0.4
VOH
Output high-level voltage
VDDIOx - 0.4
-
1. Specified by design. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com