Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U545NET6QTR Datasheet(PDF) 210 Page - STMicroelectronics

Part # STM32U545NET6QTR
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545NET6QTR Datasheet(HTML) 210 Page - STMicroelectronics

Back Button STM32U545NET6QTR Datasheet HTML 206Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 207Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 208Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 209Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 210Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 211Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 212Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 213Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 214Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 283 page
background image
Electrical characteristics
STM32U545xx
210/283
DS14216 Rev 1
Output AC characteristics
The definition and values of output AC characteristics are given in Figure 35: Output AC
characteristics definition and in the table below respectively.
Unless otherwise specified, the parameters given are derived from tests performed under
the ambient temperature and supply voltage conditions summarized in Table 33.
Table 96. Output AC characteristics, HSLV OFF (all I/Os except FT_c,
FT_t in VBAT mode, and FT_o I/Os(1))(2)(3)(4)
Speed Symbol
Parameter
Conditions
Min
Max
Unit
00
Fmax
Maximum frequency
all I/Os
CL = 50 pF, 2.7 V ≤ VDDIOx ≤ 3.6 V
-
12.5
MHz
CL = 50 pF, 1.58 V ≤ VDDIOx < 2.7 V
-
5
CL = 50 pF, 1.08 V ≤ VDDIOx < 1.58 V
-
1
CL = 10 pF, 2.7 V ≤ VDDIOx ≤ 3.6 V
-
12.5
CL = 10 pF, 1.58 V ≤ VDDIOx < 2.7 V
-
5
CL = 10 pF, 1.08 V ≤ VDDIOx < 1.58 V
-
1
tr/tf
Output rise and fall time
all I/Os
CL = 50 pF, 2.7 V ≤ VDDIOx ≤ 3.6 V
-
17
ns
CL = 50 pF, 1.58 V ≤ VDDIOx < 2.7 V
-
33
CL = 50 pF, 1.08 V ≤ VDDIOx < 1.58 V
-
85
CL = 10 pF, 2.7 V ≤ VDDIOx ≤ 3.6 V
-
12.5
CL = 10 pF, 1.58 V ≤ VDDIOx < 2.7 V
-
25
CL = 10 pF, 1.08 V ≤ VDDIOx < 1.58 V
-
50
01
Fmax
Maximum frequency
all I/Os
CL = 30 pF, 2.7 V ≤ VDDIOx ≤ 3.6 V
-
55
MHz
CL = 30 pF, 1.58 V ≤ VDDIOx < 2.7 V
-
12.5
CL = 30 pF, 1.08 V ≤ VDDIOx < 1.58 V
-
2.5
CL = 10 pF, 2.7 V ≤ VDDIOx ≤ 3.6 V
-
55
CL = 10 pF, 1.58 V ≤ VDDIOx < 2.7 V
-
12.5
CL = 10 pF, 1.08 V ≤ VDDIOx ≤<1.58 V
-
2.5
tr/tf
Output rise and fall time
all I/Os
CL = 30 pF, 2.7 V ≤ VDDIOx ≤ 3.6 V
-
5.8
ns
CL = 30 pF, 1.58 V ≤ VDDIOx < 2.7 V
-
10
CL = 30 pF, 1.08 V ≤ VDDIOx < 1.58 V
-
18
CL = 10 pF, 2.7 V ≤ VDDIOx ≤ 3.6 V
-
4.2
CL = 10 pF, 1.58 V ≤ VDDIOx < 2.7 V
-
7.5
CL = 10 pF, 1.08 V ≤ VDDIOx < 1.58 V
-
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com