Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U5A5QJI Datasheet(PDF) 77 Page - STMicroelectronics

Part # STM32U5A5QJI
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI, crypto
PDF  382 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U5A5QJI Datasheet(HTML) 77 Page - STMicroelectronics

Back Button STM32U5A5QJI Datasheet HTML 73Page - STMicroelectronics STM32U5A5QJI Datasheet HTML 74Page - STMicroelectronics STM32U5A5QJI Datasheet HTML 75Page - STMicroelectronics STM32U5A5QJI Datasheet HTML 76Page - STMicroelectronics STM32U5A5QJI Datasheet HTML 77Page - STMicroelectronics STM32U5A5QJI Datasheet HTML 78Page - STMicroelectronics STM32U5A5QJI Datasheet HTML 79Page - STMicroelectronics STM32U5A5QJI Datasheet HTML 80Page - STMicroelectronics STM32U5A5QJI Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 382 page
background image
DS13543 Rev 1
77/382
STM32U5Axxx
Functional overview
99
•
Support for end of transmission packet (EoTp)
•
Fault recovery schemes
•
Configurable selection of system interfaces:
–AMBA® APB for control and optional support for generic and DCS commands
–
Video mode interface through LTDC
–
Adapted command mode interface through LTDC
–
Independently programmable virtual channel ID in video mode, adapted command
mode and APB slave
•
Video mode interfaces features:
–
LTDC interface color coding mappings into 24-bit interface:
- 16-bit RGB, configurations 1, 2, and 3
- 18-bit RGB, configurations 1 and 2
- 24-bit RGB
–
Programmable polarity of all LTDC interface signals
–
Extended resolutions beyond the DPI standard maximum resolution of
800x480 pixels
–
Maximum resolution is limited by available DSI physical link bandwidth:
- Number of lanes: 2
- Maximum speed per lane: 500 Mbit/s
•
Adapted interface features:
–
Support for sending large amounts of data through the memory_write_start (WMS)
and memory_write_continue (WMC) DCS commands
–
LTDC interface color coding mappings into 24-bit interface:
- 16-bit RGB, configurations 1, 2, and 3
- 18-bit RGB, configurations 1 and 2
- 24-bit RGB
•
Video mode pattern generator:
–
Vertical and horizontal color bar generation without LTDC stimuli
–
BER pattern without LTDC stimuli
3.41
Touch sensing controller (TSC)
The TSC provides a simple solution to add capacitive sensing functionality to any
application. A capacitive sensing technology is able to detect finger presence near
an electrode that is protected from direct touch by a dielectric (such as glass or plastic). The
capacitive variation introduced by the finger (or any conductive object) is measured using
a proven implementation based on a surface charge transfer acquisition principle.
The TSC is fully supported by the STMTouch touch sensing firmware library that is free to
use and allows touch sensing functionality to be implemented reliably in the end application.
The TSC main features are the following:
•
Proven and robust surface charge transfer acquisition principle
•
Supports up to 22 capacitive sensing channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com