Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPST3H100AF Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPST3H100AF
Description  100 V - 3 A power Schottky trench rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPST3H100AF Datasheet(HTML) 2 Page - STMicroelectronics

  STPST3H100AF Datasheet HTML 1Page - STMicroelectronics STPST3H100AF Datasheet HTML 2Page - STMicroelectronics STPST3H100AF Datasheet HTML 3Page - STMicroelectronics STPST3H100AF Datasheet HTML 4Page - STMicroelectronics STPST3H100AF Datasheet HTML 5Page - STMicroelectronics STPST3H100AF Datasheet HTML 6Page - STMicroelectronics STPST3H100AF Datasheet HTML 7Page - STMicroelectronics STPST3H100AF Datasheet HTML 8Page - STMicroelectronics STPST3H100AF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1
Characteristics
Table 1. Absolute ratings (limiting values at 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
100
V
IF(AV)
Average forward current, δ = 0.5 square
wave
SOD128Flat Tl = 130 °C
3
A
SMB Flat
Tl = 140 °C
IFSM
Surge non repetitive forward current
SOD128Flat
tp = 10 ms sinusoidal
50
A
SMB Flat
55
IAS
Single pulse avalanche current(1)
6
A
Tstg
Storage temperature range
-65 to +175
°C
Tj
Maximum operating junction temperature(2)
+175
°C
1. Please refer to Figure 1. Current and voltage waveforms for avalanche energy test across D.U.T (device under test) and
Figure 2. Unclamped inductive switching test circuit for the unclamped inductive switching test circuit, and waveform.
2. (dPtot/dTj) < (1/Rth(j-a)) condition to avoid thermal runaway for a diode on its own heatsink.
Table 2. Thermal resistance parameter
Symbol
Parameter
Typ. value
Unit
Rth(j-l)
Junction to lead
SOD128Flat
13
°C/W
SMB Flat
10
For more information, please refer to the following application note:
AN5088: Rectifiers thermal management, handling and mounting recommendations
Table 3. Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR(1)
Reverse leakage current
Tj = 125 °C
VR = 70 V
-
0.45
1.4
mA
Tj = 25 °C
VR = 100 V
-
5.7
µA
Tj = 125 °C
-
0.8
3.0
mA
VF(2)
Forward voltage drop
Tj = 25 °C
IF = 1.5 A
-
0.565
0.625
V
Tj = 125 °C
-
0.500
0.555
Tj = 25 °C
IF = 3 A
-
0.685
0.755
Tj = 125 °C
-
0.600
0.650
1. Pulse test: tp = 5 ms, δ < 2%
2. Pulse test: tp = 380 µs, δ < 2%
To evaluate the conduction losses, use the following equation:
P = 0.46 x IF(AV) + 0.0633 x IF2(RMS)
For more information, please refer to the following application notes related to the power losses:
AN604: Calculation of conduction losses in a power rectifier
AN4021: Calculation of reverse losses on a power diode
STPST3H100
Characteristics
DS13610 - Rev 2
page 2/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com