Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U545NET3QTR Datasheet(PDF) 117 Page - STMicroelectronics

Part # STM32U545NET3QTR
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545NET3QTR Datasheet(HTML) 117 Page - STMicroelectronics

Back Button STM32U545NET3QTR Datasheet HTML 113Page - STMicroelectronics STM32U545NET3QTR Datasheet HTML 114Page - STMicroelectronics STM32U545NET3QTR Datasheet HTML 115Page - STMicroelectronics STM32U545NET3QTR Datasheet HTML 116Page - STMicroelectronics STM32U545NET3QTR Datasheet HTML 117Page - STMicroelectronics STM32U545NET3QTR Datasheet HTML 118Page - STMicroelectronics STM32U545NET3QTR Datasheet HTML 119Page - STMicroelectronics STM32U545NET3QTR Datasheet HTML 120Page - STMicroelectronics STM32U545NET3QTR Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 283 page
background image
-
C9
-
-
-
96
A1
46
62 A3 96
B3
PB9
I/O
FT_fh
-
IR_OUT, TIM4_CH4, SAI1_D2,
I2C1_SDA, SPI2_NSS,
SDMMC1_CDIR,
FDCAN1_TX(boot),
DCMI_D7/PSSI_D7,
SDMMC1_D5, SAI1_FS_A,
TIM17_CH1, EVENTOUT
-
-
-
-
-
-
97
A2
-
-
-
97
C3
PE0
I/O
FT_h
-
TIM4_ETR, DCMI_D2/PSSI_D2,
LPGPIO1_P13, TIM16_CH1,
EVENTOUT
-
-
-
-
-
-
-
-
-
-
-
98
A2
PE1
I/O
FT_h
-
DCMI_D3/PSSI_D3, TIM17_CH1,
EVENTOUT
-
46
A11 62A2A14
98
C5
-
-
-
-
-
VDD11
S
-
-
-
-
47
B10 63 B7 B13
99 D10
47
63 D6 99
F2
VSS
S
-
-
-
-
48
A13 64A8A16 100
K4
48
64E4 100
H3
VDD
S
-
-
-
-
1. Function availability depends on the chosen device.
2. PC13, PC14, and PC15 are supplied through the power switch (by VSW). Since the switch only sinks a limited amount of current (3 mA), the use of PC13 to PC15 GPIOs
in output mode is limited:
- The speed must not exceed 2 MHz with a maximum load of 30 pF.
- These GPIOs must not be used as current sources (for example to drive a LED).
3. After a backup domain power-up, PC13, PC14, and PC15 operate as GPIOs. Their function depends then on the content of the RTC registers that are not reset by the
system reset. For details on how to manage these GPIOs, refer to the backup domain and RTC register descriptions in the product reference manual.
4. After reset, this pin is configured as JTAG/SWD alternate functions. The internal pull-up on PA15, PA13, PB4 pins and the internal pull-down on PA14 pin are activated.
5. Power supply is VDDIO2.
Table 27. STM32U545xx pin/ball definitions(1) (continued)
Pin number
Pin name
(function
after reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com