Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U545NET3QTR Datasheet(PDF) 155 Page - STMicroelectronics

Part # STM32U545NET3QTR
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545NET3QTR Datasheet(HTML) 155 Page - STMicroelectronics

Back Button STM32U545NET3QTR Datasheet HTML 151Page - STMicroelectronics STM32U545NET3QTR Datasheet HTML 152Page - STMicroelectronics STM32U545NET3QTR Datasheet HTML 153Page - STMicroelectronics STM32U545NET3QTR Datasheet HTML 154Page - STMicroelectronics STM32U545NET3QTR Datasheet HTML 155Page - STMicroelectronics STM32U545NET3QTR Datasheet HTML 156Page - STMicroelectronics STM32U545NET3QTR Datasheet HTML 157Page - STMicroelectronics STM32U545NET3QTR Datasheet HTML 158Page - STMicroelectronics STM32U545NET3QTR Datasheet HTML 159Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 283 page
background image
IDD (Stop 1)
Supply current in Stop 1 mode,
RTC disabled,
All SRAMs retained
1.8
48.5
135
410
830
1600
150
410
1300
2500
4800
µA
2.4
48.0
135
410
830
1650
150
410
1300
2500
5000
3.0
50.0
140
415
830
1650
150
420
1300
2500
5000
3.3
49.5
140
415
835
1650
150
420
1300
2600
5000
3.6
49.5
140
420
840
1650
150
420
1300
2600
5000
IDD(Stop 1
with RTC)
Supply current in Stop 1 mode,
RTC(2) clocked by LSI 32 kHz,
8-Kbyte SRAM2 + ICACHE
retained
1.8
45.0
130
385
770
1500
140
390
1200
2400
4500
2.4
45.0
130
385
770
1500
140
390
1200
2400
4500
3.0
47.0
130
385
775
1500
150
390
1200
2400
4500
3.3
46.5
130
390
780
1500
140
390
1200
2400
4500
3.6
46.5
135
390
780
1500
140
410
1200
2400
4500
Supply current in Stop 1 mode,
RTC(2) clocked by LSE
bypassed at 32768 Hz,
8-Kbyte SRAM2 + ICACHE
retained
1.8
45.0
125
375
755
1450
140
380
1200
2300
4400
2.4
44.0
130
380
765
1500
140
390
1200
2300
4500
3.0
46.5
130
380
765
1500
140
390
1200
2300
4500
3.3
46.5
130
380
765
1500
140
390
1200
2300
4500
3.6
46.0
145
385
770
1500
140
440
1200
2400
4500
Supply current in Stop 1 mode,
RTC(2) clocked by LSE quartz in
low-drive mode,
LSESYSEN = 0 in RCC_BDCR,
8-Kbyte SRAM2 + ICACHE
retained
1.8
44.5
130
385
770
1500
-
-
-
-
-
2.4
45.0
130
385
770
1500
-
-
-
-
-
3.0
47.0
130
385
775
1500
-
-
-
-
-
3.3
47.0
130
385
775
1500
-
-
-
-
-
3.6
46.5
135
390
780
1500
-
-
-
-
-
1. Evaluated by characterization. Not tested in production.
2. RTC with default configuration but RTC_CALR.LPCAL = 1.
Table 51. Current consumption in Stop 1 mode on LDO (continued)
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
VDD (V)
25°C
55°C
85°C
105°C
125°C
25°C
55°C
85°C
105°C
125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com