Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB711 Datasheet(PDF) 25 Page - STMicroelectronics

Part # TSB711
Description  Rail-to-rail inputs and outputs, 36 V, 6 MHz op amps
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB711 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TSB711 Datasheet HTML 18Page - STMicroelectronics TSB711 Datasheet HTML 19Page - STMicroelectronics TSB711 Datasheet HTML 20Page - STMicroelectronics TSB711 Datasheet HTML 21Page - STMicroelectronics TSB711 Datasheet HTML 22Page - STMicroelectronics TSB711 Datasheet HTML 23Page - STMicroelectronics TSB711 Datasheet HTML 24Page - STMicroelectronics TSB711 Datasheet HTML 25Page - STMicroelectronics TSB711 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
List of figures
Figure 1.
TSB511 pin connections (top view) ...................................................... 2
Figure 2.
TSB512 pin connections (top view) ...................................................... 2
Figure 3.
TSB514 pin connections (top view) ...................................................... 3
Figure 4.
Supply current vs. supply voltage ....................................................... 8
Figure 5.
Input offset voltage vs. supply voltage .................................................... 8
Figure 6.
Input offset voltage vs. common mode voltage at VCC = 5 V ..................................... 8
Figure 7.
Input offset voltage vs. common mode voltage at VCC = 36 V .................................... 8
Figure 8.
Input bias current vs. temperature at VICM = VCC/2 ........................................... 9
Figure 9.
Input bias current vs. common mode voltage at VCC = 5 V ...................................... 9
Figure 10.
Input bias current vs. common mode voltage at VCC = 36 V ..................................... 9
Figure 11.
Output current vs. output voltage at VCC = 5 V .............................................. 9
Figure 12.
Output current vs. output voltage at VCC = 36 V ............................................. 9
Figure 13.
Output voltage (VOH) vs. supply voltage................................................... 9
Figure 14.
Output voltage (VOL) vs. supply voltage .................................................. 10
Figure 15.
Channel separation vs. frequency at VCC = 36 V............................................ 10
Figure 16.
Positive slew rate at VCC = 36 V ....................................................... 10
Figure 17.
Negative slew rate at VCC = 36 V ...................................................... 10
Figure 18.
Bode diagram at VCC = 5 V .......................................................... 10
Figure 19.
Bode diagram at VCC = 36 V ......................................................... 10
Figure 20.
Phase margin vs. output current at VCC = 5 V .............................................. 11
Figure 21.
Phase margin vs. output current at VCC = 36 V ............................................. 11
Figure 22.
Phase margin vs. capacitive load ...................................................... 11
Figure 23.
Overshoot vs. capacitive load at VCC = 36 V............................................... 11
Figure 24.
Small step response at VCC = 5 V ...................................................... 11
Figure 25.
Desaturation time at low rail at VCC = 5 V................................................. 11
Figure 26.
Desaturation time at high rail at VCC = 5 V ................................................ 12
Figure 27.
Small step response at VCC = 36 V ..................................................... 12
Figure 28.
Amplifier behavior close to low rail at VCC = 36 V ........................................... 12
Figure 29.
Amplifier behavior close to high rail at VCC = 36 V ........................................... 12
Figure 30.
Noise vs. frequency at VCC = 5 V ...................................................... 12
Figure 31.
Noise vs. frequency at VCC = 36 V ..................................................... 12
Figure 32.
Noise vs. time at VCC = 36 V ......................................................... 13
Figure 33.
THD+N vs. frequency .............................................................. 13
Figure 34.
THD+N vs. frequency .............................................................. 13
Figure 35.
PSRR vs. frequency at VCC = 10 V ..................................................... 13
Figure 36.
CMRR vs. frequency at VCC = 10 V..................................................... 13
Figure 37.
SOT23-5 package outline ........................................................... 16
Figure 38.
SOT23-5 recommended footprint ...................................................... 17
Figure 39.
MiniSO8 package outline ............................................................ 18
Figure 40.
SO8 package outline ............................................................... 19
Figure 41.
SO14 package outline .............................................................. 20
Figure 42.
TSSOP14 package outline ........................................................... 21
TSB511, TSB512, TSB514
List of figures
DS13885 - Rev 1
page 25/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com