Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB582IDT Datasheet(PDF) 33 Page - STMicroelectronics

Part # TSB582IDT
Description  200 mA output current with thermal shutdown and output current limiter, 3.1 MHz,36 V, BiCMOS dual operational amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB582IDT Datasheet(HTML) 33 Page - STMicroelectronics

Back Button TSB582IDT Datasheet HTML 26Page - STMicroelectronics TSB582IDT Datasheet HTML 27Page - STMicroelectronics TSB582IDT Datasheet HTML 28Page - STMicroelectronics TSB582IDT Datasheet HTML 29Page - STMicroelectronics TSB582IDT Datasheet HTML 30Page - STMicroelectronics TSB582IDT Datasheet HTML 31Page - STMicroelectronics TSB582IDT Datasheet HTML 32Page - STMicroelectronics TSB582IDT Datasheet HTML 33Page - STMicroelectronics TSB582IDT Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 34 page
background image
List of figures
Figure 1.
Pin connections for each package (top view) ............................................... 2
Figure 2.
Supply current vs. supply voltage (per channel) ............................................ 10
Figure 3.
Supply current vs. input common mode voltage per channel (VCC = 36 V) .......................... 10
Figure 4.
Input offset voltage distribution, T = 25 °C VCC = 12 V ........................................ 10
Figure 5.
Input offset voltage temperature coefficient distribution from -40 °C to 25 °C (µV/°C), VCC = 12 V .......... 10
Figure 6.
Input offset voltage temperature coefficient distribution from 25 °C to 125 °C (µV/°C), VCC = 12 V .......... 11
Figure 7.
Input offset voltage vs. supply voltage ................................................... 11
Figure 8.
Input offset voltage vs. input common mode voltage VCC = 36 V ................................ 11
Figure 9.
Input bias current vs. temperature at mid VICM ............................................. 11
Figure 10.
Output voltage drop vs. output current load, VCC = 36 V, Vicm = VCC/2, Vid = -1 V for sink, +1 V for source .... 12
Figure 11.
High-level output voltage (drop from VCC+) vs. VCC, Iload = 160 mA ............................... 12
Figure 12.
High-level output voltage, (drop from VCC+) vs. temperature, Iload = 160 mA ......................... 12
Figure 13.
Low-level output voltage vs. VCC, Iload = 160 mA............................................ 12
Figure 14.
Low-level output voltage vs. temperature, Iload = 160 mA ...................................... 13
Figure 15.
Slew rate vs. Vcc, Rload = 10 kΩ, Cload = 100 pF, comparator mode, Vdiff = 5 V ....................... 13
Figure 16.
Small signal response at 36 V supply voltage .............................................. 13
Figure 17.
Bode Diagram, Vcc = 36 V, Rl = 10 kΩ, Cload = 100 pF, common mode voltage = 18 V .................. 13
Figure 18.
Unity gain frequency vs. temperature, VCC = 36 V, Rl = 10 kΩ................................... 14
Figure 19.
Phase margin vs. capacitive load VCC = 36 V, Rl = 10 kΩ ...................................... 14
Figure 20.
Gain margin vs. capacitive load VCC = 36 V, Rl = 10 kΩ ....................................... 14
Figure 21.
Overshoot vs. capacitive load ......................................................... 14
Figure 22.
Noise vs. frequency for different supply voltages ............................................ 15
Figure 23.
THD vs. Output voltage swing for different frequencies, VCC = 36 V, Rl = 10 kΩ, Cl = 100 pF ............. 15
Figure 24.
THD vs. frequency for different Vcm, VCC = 36 V, Vicm = Vocm = Vcm, Rl = 10 kΩ, Cl = 100 pF ............. 15
Figure 25.
PSRR vs. frequency ............................................................... 15
Figure 26.
Channel separation vs. frequency ...................................................... 16
Figure 27.
Equivalent internal ESD and input protection circuit .......................................... 17
Figure 28.
EMI rejection ratio vs. frequency ....................................................... 18
Figure 29.
SO8 safe operating area, one channel active .............................................. 19
Figure 30.
DFN8 safe operating area, one channel active ............................................. 19
Figure 31.
Stability criteria with a serial resistor at different capacitive loads................................. 20
Figure 32.
Test configuration for RISO ........................................................... 20
Figure 33.
Rotary resolver excitation amplifier ..................................................... 22
Figure 34.
Increasing output current ............................................................ 23
Figure 35.
SO8 exposed pad package outline ..................................................... 25
Figure 36.
SO8 exposed pad footprint data ....................................................... 26
Figure 37.
DFN8 3x3 exposed pad, wettable flank package outline and mechanical data........................ 27
Figure 38.
DFN8 3x3 exposed pad, wettable flank footprint data......................................... 28
TSB582
List of figures
DS13378 - Rev 2
page 33/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com