Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPERGAN50 Datasheet(PDF) 28 Page - STMicroelectronics

Part # VIPERGAN50
Description  Advanced quasi-resonant offline high voltage converter with E-mode GaN HEMT
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPERGAN50 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button VIPERGAN50 Datasheet HTML 24Page - STMicroelectronics VIPERGAN50 Datasheet HTML 25Page - STMicroelectronics VIPERGAN50 Datasheet HTML 26Page - STMicroelectronics VIPERGAN50 Datasheet HTML 27Page - STMicroelectronics VIPERGAN50 Datasheet HTML 28Page - STMicroelectronics VIPERGAN50 Datasheet HTML 29Page - STMicroelectronics VIPERGAN50 Datasheet HTML 30Page - STMicroelectronics VIPERGAN50 Datasheet HTML 31Page - STMicroelectronics VIPERGAN50 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
7
Layout guidelines and design recommendations
A proper printed circuit board layout is essential for correct operation of any switch-mode converter and this is
also true for the VIPerGaN50. The main reasons for having a proper PCB layout are to:
• Provide clean signals to the IC, ensuring good immunity against external noises and switching noises
• Reduce the electromagnetic interferences, both radiated and conducted, to pass more easily the EMC
When designing an SMPS using VIPerGaN, the following basic rules should be considered:
Separating signal from power tracks: generally, traces carrying signal currents should run far from those
carrying pulsed currents or with quickly swinging voltages. Signal ground traces should be routed separately
from the power ground traces then connected one to the other using a single “star point”, placed close to the
IC.
The compensation network should be connected to the FB pin, maintaining the trace to GND as short as
possible. In case of a two-layer PCB, it is a good practice to route signal traces on one PCB side and power
traces on the other side.
Filtering sensitive pins: some crucial points of the circuit need or may need filtering. A small high
frequency bypass capacitor to GND might be useful to get a clean bias voltage for the signal part of the
IC and protect the IC itself during EFT/ESD tests. A low ESL ceramic capacitor (a few hundreds pF up to
0.1 μF) should be connected across VDD and GND, placed as close as possible to the IC. With flyback
topologies, when the auxiliary winding is used, it is suggested to connect the VDD capacitor on the auxiliary
return and then to the main GND using a single track. A small 10 nF capacitance is also required between
BR and GND to filter the noise in this high impedance path.
Keep power loops as confined as possible: minimize the area circumscribed by current loops where high
pulsed currents flow, in order to reduce its parasitic self-inductance and the radiated electromagnetic field:
this greatly reduces the electromagnetic interferences produced by the power supply during the switching. In
a flyback converter the most critical loops are the one including the input bulk capacitor, the power switch,
the power transformer, the one including the snubber, the one including the secondary winding, the output
rectifier, and the output capacitor.
Reduce line lengths: any wire acts as an antenna. With the very short rise times exhibited by EFT pulses,
any antenna has the capability of receiving high voltage spikes. By reducing line lengths, the level of
radiated energy that is received is reduced, and the resulting spikes from electrostatic discharges are lower.
This also keeps both resistive and inductive effects to a minimum. In particular, all of the traces carrying high
currents, especially if pulsed (tracks of the power loops) should be as short and fat as possible. It is a good
practice to minimize also the areas circumscribed by the paths from TB to GND and from BR to GND, to
ensure good immunity against EFT tests.
Optimize track routing: as levels of pickup from static discharges are likely to be greater closer to the
extremities of the board, it is wise to keep any sensitive lines away from these areas. Input and output lines
often need to reach the PCB edge at some stage, but they can be routed away from the edge as soon
as possible where applicable. Since vias are to be considered inductive elements, it is recommended to
minimize their number in the signal path and avoid them when designing the power path.
Improve thermal dissipation: an adequate copper area has to be provided under the EP pad as heatsink.
Since this pad is mechanically connected to the GaN substrate, which is also connected to GND, a large
copper area can be used without affecting the EMC performances.
VIPERGAN50
Layout guidelines and design recommendations
DS13888 - Rev 2
page 28/37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com