Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB512 Datasheet(PDF) 24 Page - STMicroelectronics

Part # TSB512
Description  Rail-to-rail inputs and outputs, 36 V, 6 MHz op amps
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB512 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TSB512 Datasheet HTML 18Page - STMicroelectronics TSB512 Datasheet HTML 19Page - STMicroelectronics TSB512 Datasheet HTML 20Page - STMicroelectronics TSB512 Datasheet HTML 21Page - STMicroelectronics TSB512 Datasheet HTML 22Page - STMicroelectronics TSB512 Datasheet HTML 23Page - STMicroelectronics TSB512 Datasheet HTML 24Page - STMicroelectronics TSB512 Datasheet HTML 25Page - STMicroelectronics TSB512 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
List of tables
Table 1.
TSB511 pin description ................................................................ 2
Table 2.
TSB512 pin description................................................................ 2
Table 3.
TSB514 pin description................................................................ 3
Table 4.
Absolute maximum ratings ............................................................. 4
Table 5.
Operating conditions ................................................................. 4
Table 6.
Electrical characteristics at VCC+ = 5 V, VCC- = 0 V, VICM = VOUT = VCC/2, T = 25 °C and RL connected to VCC/2
(unless otherwise specified) ............................................................ 5
Table 7.
Electrical characteristics at VCC+ = 36 V, VCC- = 0 V, VICM = VOUT = VCC/2, T = 25 °C and RL connected to VCC/2
(unless otherwise specified) ............................................................ 6
Table 8.
Order codes ...................................................................... 14
Table 9.
SOT23-5 mechanical data............................................................. 16
Table 10.
MiniSO8 mechanical data ............................................................. 18
Table 11.
SO8 mechanical data ................................................................ 19
Table 12.
SO14 mechanical data ............................................................... 20
Table 13.
TSSOP14 mechanical data ............................................................ 21
Table 14.
Document revision history ............................................................. 22
TSB511, TSB512, TSB514
List of tables
DS13885 - Rev 1
page 24/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com