Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN9D5D20F Datasheet(PDF) 28 Page - STMicroelectronics

Part # VN9D5D20F
Description  4 channel high-side driver with 24-bit SPI interface for automotive applications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN9D5D20F Datasheet(HTML) 28 Page - STMicroelectronics

Back Button VN9D5D20F Datasheet HTML 24Page - STMicroelectronics VN9D5D20F Datasheet HTML 25Page - STMicroelectronics VN9D5D20F Datasheet HTML 26Page - STMicroelectronics VN9D5D20F Datasheet HTML 27Page - STMicroelectronics VN9D5D20F Datasheet HTML 28Page - STMicroelectronics VN9D5D20F Datasheet HTML 29Page - STMicroelectronics VN9D5D20F Datasheet HTML 30Page - STMicroelectronics VN9D5D20F Datasheet HTML 31Page - STMicroelectronics VN9D5D20F Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 96 page
background image
To turn on channels, information must enter into the following registers:
•
Select the PWM frequency by using the two bits PWMFCYx
•
Select the PHASE information by using the 5 bits CHPHAx
•
Select the switching slope by using the two bits SLOPECRx
•
Select the channels configuration Bulb/LED by using the bit CCR
•
Select the DUTYCYCLE information by using the 10 bits of the OUTCTRCRx registers
•
Select the channel through the dedicated register “SOCR” in the channel control register
•
Select the PWM triggering mode by using the single bit PWM_TRIG of the CTRL register
The PWMSYNC bit resets the internal 12 bits clock counter. This allows to have a known time base and to
synchronize different devices among each other.
The signal on the PWMCLK is divided internally by a factor from 4096 to 512 depending on the PWMFCY register
to generate the base frequency for the output.
•
PWM signal is generated by properly selecting 10 of 12 bits on the clock counter. PWM engine has a virtual
10-bit granularity except when PWM divider is set to 512, in this case only a 9-bit granularity is possible
(LSB of 10bit generated PWM is fixed to zero). Duty cycle step can be modified with the granularity related
to the 9-bit register.
The duty cycle of the output signal is configured for each OUTPUTX with the OUTCTRCR register using 10 bits
(MSB first).
•
Programming an output duty cycle at 000h results in a 0% duty cycle, it means the channel always OFF
depending on the SOCR/DIx bit setting
•
Programming an output duty cycle at 3FFh results in a 100% duty cycle (4095/4096), it means the channel
always ON when the SOCR/DIx bit is set.
–
In normal mode the outputs are driven according to the SPI register setting and INx pins (DIx in OR
with SPI) if the related DIENCR bit is set.
Set PWMSYNC bit in control register “CTRL” (to synchronize the internal PWM counter to the selected channels).
The internal PWM counter is 12 bits depth, it is active whatever the state of the channels, if VDD > VDD_POR_ON.
The set of PWMSYNC bit allows to reset the PWM counter.
The phase shift of the output signal is configured for each OUTPUTx by internally concatenating the CHPHAx 5
bits with '00000' in order to get 10 bits (5 bits + 0000). Granularity of the phase shift is 5 bits. CHPHA = 00000b
means a phase shift of 0 (internal 10bit phase shift is 0x000=0000000000b), while CHPHA = 11111b results in
a maximum phase shift of 31/32 =(internal 10bit phase shift is 0x3E0=0000000000b). The phase shift is relative
to the base frequency of the selected channel. Thus, the exact point in time when the channel switches on also
depends on the operating mode of the selected channel.
Table 31. Phase shift configuration
Phase shift
(%)
5 bits register
(H)
10 bits register
(H)
Phase shift (ms)
PWM = 400 kHz
divider = 2048
Phase shift (ms)
PWM = 400 kHz
divider = 1024
Phase shift (ms)
PWM = 400 kHz
divider = 512
9.4
03
60
0.481
0.24
0.12
28.1
09
120
1.439
0.719
0.360
46.9
0F
1E0
2.40
1.2
0.6
75
17
2E0
3.84
1.92
0.96
90
1C
380
4.608
2.304
1.152
A change of phase/duty will be taken in account after the next zero-crossing of the PWM counter.
Note:
If the frequency on PWMCLK is too low (f < PWM_Clk), the device falls back to an internally generated PWM
frequency of approximately 400 kHz. In this case, the PWMCLOCKLOW bit in the OUTSRx is set.
Example 1:
Below, an example with a 65% duty cycle, PWM divider = 2048 and a 25% phase is given with a PWM sampling
mode on the rising edge (PWM_TRIG = 0):
VN9D5D20F
Outputs control
DS12936 - Rev 6
page 28/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com