Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB514 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSB514
Description  Rail-to-rail inputs and outputs, 36 V, 6 MHz op amps
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB514 Datasheet(HTML) 4 Page - STMicroelectronics

  TSB514 Datasheet HTML 1Page - STMicroelectronics TSB514 Datasheet HTML 2Page - STMicroelectronics TSB514 Datasheet HTML 3Page - STMicroelectronics TSB514 Datasheet HTML 4Page - STMicroelectronics TSB514 Datasheet HTML 5Page - STMicroelectronics TSB514 Datasheet HTML 6Page - STMicroelectronics TSB514 Datasheet HTML 7Page - STMicroelectronics TSB514 Datasheet HTML 8Page - STMicroelectronics TSB514 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
2
Maximum ratings
Table 4. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
+ 40 or ± 20
V
VID
Differential input voltage (2)
± 2
V
VIN
Input voltage (3)
(VCC-) - 0.2 to (VCC+) + 0.2
V
IIN
Input current (3)
± 10
mA
Tstg
Storage temperature
- 65 to 150
°C
Tj
Junction temperature
150
°C
Rth-ja
Thermal resistance junction to ambient (4) (5)
SOT23-5
MiniSO8
SO8
SO14
TSSOP14
250
190
125
105
100
°C/W
ESD
Human Body Model (HBM) (6)
2
kV
Charged Device Model (CDM) (7)
1
1. All voltage values, except differential voltage, are with respect to network ground terminal.
2. The differential voltage is the non-inverting input terminal with respect to the inverting input terminal.
3. Input voltage may be extended to the condition that the input current is limited to +/-10 mA. Input current must be limited by
a resistor in series with the inputs when the input voltage is beyond the rails or the differential input voltage is above +/-2 V.
4. Rth are typical values.
5. Short-circuits can cause excessive heating and destructive dissipation.
6. According to JEDEC standard JESD22-A114F.
7. According to ANSI/ESD STM5.3.1.
Table 5. Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
2.7 to 36
V
VICM
Common mode voltage on input pins
(VCC-) to (VCC+) + 0.1
V
T
Operating free-air temperature range
-40 to 125
°C
TSB511, TSB512, TSB514
Maximum ratings
DS13885 - Rev 1
page 4/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com