Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN9D5D20FN Datasheet(PDF) 39 Page - STMicroelectronics

Part # VN9D5D20FN
Description  4 channel high-side driver with 24-bit SPI interface for automotive applications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN9D5D20FN Datasheet(HTML) 39 Page - STMicroelectronics

Back Button VN9D5D20FN Datasheet HTML 35Page - STMicroelectronics VN9D5D20FN Datasheet HTML 36Page - STMicroelectronics VN9D5D20FN Datasheet HTML 37Page - STMicroelectronics VN9D5D20FN Datasheet HTML 38Page - STMicroelectronics VN9D5D20FN Datasheet HTML 39Page - STMicroelectronics VN9D5D20FN Datasheet HTML 40Page - STMicroelectronics VN9D5D20FN Datasheet HTML 41Page - STMicroelectronics VN9D5D20FN Datasheet HTML 42Page - STMicroelectronics VN9D5D20FN Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 96 page
background image
SOCR
Channel control register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
R
R
R
R
RW
RW
RW
RW
R
R
R
R
R
R
RW
R
Address:
0x13h
Type:
RW
Reset:
0
Description:
The SOCR register is used to turn ON/OFF the related channel. The WDTB bit that must be
toggled within tWDBT (watchdog timeout) to avoid entering in fail-safe mode. This bit is already
present in the output control register and it is duplicated in the SOCR register to simplify the
SPI usage.
[15:12]
RESERVED
[11]
SOCR3 bit controls output state of channel 3
1 - output enabled
0 - output disabled
[10]
SOCR2 bit controls output state of channel 2
1 - output enabled
0 - output disabled
[9]
SOCR1 bit controls output state of channel 1
1 - output enabled
0 - output disabled
[8]
SOCR0 bit controls output state of channel 0
1 - output enabled
0 - output disabled
[7:2]
RESERVED
[1]
Watchdog toggle bit
[0]
PARITY: parity bit
VN9D5D20FN
Control registers
DS13579 - Rev 7
page 39/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com