Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN9D5D20FNTR Datasheet(PDF) 73 Page - STMicroelectronics

Part # VN9D5D20FNTR
Description  4 channel high-side driver with 24-bit SPI interface for automotive applications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN9D5D20FNTR Datasheet(HTML) 73 Page - STMicroelectronics

Back Button VN9D5D20FNTR Datasheet HTML 69Page - STMicroelectronics VN9D5D20FNTR Datasheet HTML 70Page - STMicroelectronics VN9D5D20FNTR Datasheet HTML 71Page - STMicroelectronics VN9D5D20FNTR Datasheet HTML 72Page - STMicroelectronics VN9D5D20FNTR Datasheet HTML 73Page - STMicroelectronics VN9D5D20FNTR Datasheet HTML 74Page - STMicroelectronics VN9D5D20FNTR Datasheet HTML 75Page - STMicroelectronics VN9D5D20FNTR Datasheet HTML 76Page - STMicroelectronics VN9D5D20FNTR Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 96 page
background image
Table 62. LED - Digital Current Sense (7 V < VCC < 18 V, channel 0, 1; TJ = -40 °C to 150 °C)
Symbol
Parameter
Test conditions
Min.
Typ. Max. Unit
KOL
Digital current sense gain: ADCOUT / IOUT
IOUT = 90 mA
-65%
148
65%
1/A
KLED
Digital current sense gain: ADCOUT / IOUT
IOUT = 140 mA
-35%
144
35%
1/A
K0
Digital current sense gain: ADCOUT / IOUT
IOUT = 270 mA
-15%
143
15%
1/A
K1
Digital current sense gain: ADCOUT / IOUT
IOUT= 1.35 A
-8%
143
8%
1/A
K2
Digital current sense gain: ADCOUT / IOUT
IOUT = 4 A
-7%
143
7%
1/A
IOUT_OFFSET (1) Output current offset
ISENSE = 000H
-25
25
mA
IOUT_SAT_LED
Output saturation current in LED mode
ISENSE = 3FFH
6
A
tON_CS(min)_LED Minimum ON time for digital current sense availability
150
µs
1. Parameter specified by design and evaluated by characterization, not tested in production.
Table 63. LED - Digital Current Sense (7 V < VCC < 18 V, channel 2, 3; TJ = -40 °C to 150 °C)
Symbol
Parameter
Test conditions
Min.
Typ. Max. Unit
KOL
Digital current sense gain: ADCOUT / IOUT
IOUT = 25 mA
-65%
354
65%
1/A
KLED
Digital current sense gain: ADCOUT / IOUT
IOUT = 40 mA
-35%
346
35%
1/A
K0
Digital current sense gain: ADCOUT / IOUT
IOUT = 125 mA
-15%
335
15%
1/A
K1
Digital current sense gain: ADCOUT / IOUT
IOUT = 625 mA
-8%
333
8%
1/A
K2
Digital current sense gain: ADCOUT / IOUT
IOUT = 1.875 A
-7%
333
7%
1/A
IOUT_OFFSET(1)
Output current offset
ISENSE = 000H
-15
15
mA
IOUT_SAT_LED
Output saturation current in LED mode
ISENSE = 3FFH
2.5
A
tON_CS(min)_LED Minimum ON time for digital current sense availability
150
µs
1. Parameter specified by design and evaluated by characterization, not tested in production.
Figure 32. Switching characteristics
CSN
VOUTX
Turn -ON phase
(SOCR Register)
Turn -OFF phase
(SOCR Register)
20%
60%
40%
80%
(dVOUT/dt)ON
(dVOUT/dt)OFF
tdON
tdOFF
tpLH
tpHL
VN9D5D20FN
LED mode
DS13579 - Rev 7
page 73/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com