Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32C011D4U6 Datasheet(PDF) 48 Page - STMicroelectronics

Part # STM32C011D4U6
Description  Arm® Cortex®-M0 32-bit MCU, 32 KB Flash, 6 KB RAM,2 x USART, timers, ADC, comm. I/Fs, 2-3.6 V
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32C011D4U6 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STM32C011D4U6 Datasheet HTML 44Page - STMicroelectronics STM32C011D4U6 Datasheet HTML 45Page - STMicroelectronics STM32C011D4U6 Datasheet HTML 46Page - STMicroelectronics STM32C011D4U6 Datasheet HTML 47Page - STMicroelectronics STM32C011D4U6 Datasheet HTML 48Page - STMicroelectronics STM32C011D4U6 Datasheet HTML 49Page - STMicroelectronics STM32C011D4U6 Datasheet HTML 50Page - STMicroelectronics STM32C011D4U6 Datasheet HTML 51Page - STMicroelectronics STM32C011D4U6 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 94 page
background image
Table 32. Current consumption in Standby mode
Symbol
Parameter Conditions
VDD
Typ
Max(1)
Unit
25
°C
85
°C
105
°C
125
°C
25
°C
85
°C
105
°C
125
°C
IDD(Standby)
Supply
current in
Standby
mode
All clocks off
2 V
6.75
7.70
8.55
10.5
7.50
8.90
11.0
16.0
µA
2.4 V
7.05
8.00
8.85
11.0
7.70
9.10
11.0
17.0
3 V
7.458.45
9.4512.08.209.7012.018.0
3.6 V
7.90
8.95
10.0
12.5
8.70
11.0
13.0
20.0
IWDG
enabled and
clocked by
LSI
2 V
7.30
8.35
9.20
11.5
8.10
9.50
12.0
17.0
2.4 V
7.65
8.65
9.60
11.5
8.30
9.80
12.0
17.0
3 V
8.10
9.20
10.0
12.5
8.90
11.0
13.0
19.0
3.6 V
8.609.75
11.0
13.59.5012.014.021.0
1. Evaluated by characterization – Not tested in production.
Table 33. Current consumption in Shutdown mode
Symbol
Parameter Conditions
VDD
Typ
Max(1)
Unit
25 °C
85 °C
105 °C
125 °C
25 °C
85 °C
105 °C
125 °C
IDD(Shutdown)
Supply
current in
Shutdown
mode
All clocks
off
2 V
9.00
290
835
2350
55
920
2700
7600
nA
2.4 V
13.0
320
915
2550
62
970
2900
7900
3.0 V
19.0
375
1050
2900
72
1200
3300
8900
3.6 V
31.0
460
1250
3350
95
1400
3800
11000
1. Evaluated by characterization – Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com