Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32C011D4P7 Datasheet(PDF) 43 Page - STMicroelectronics

Part # STM32C011D4P7
Description  Arm® Cortex®-M0 32-bit MCU, 32 KB Flash, 6 KB RAM,2 x USART, timers, ADC, comm. I/Fs, 2-3.6 V
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32C011D4P7 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STM32C011D4P7 Datasheet HTML 39Page - STMicroelectronics STM32C011D4P7 Datasheet HTML 40Page - STMicroelectronics STM32C011D4P7 Datasheet HTML 41Page - STMicroelectronics STM32C011D4P7 Datasheet HTML 42Page - STMicroelectronics STM32C011D4P7 Datasheet HTML 43Page - STMicroelectronics STM32C011D4P7 Datasheet HTML 44Page - STMicroelectronics STM32C011D4P7 Datasheet HTML 45Page - STMicroelectronics STM32C011D4P7 Datasheet HTML 46Page - STMicroelectronics STM32C011D4P7 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 94 page
background image
Table 28. Current consumption in Run mode from SRAM at different die temperatures
Symbol
Parameter
Conditions
Typ
Max(1)
1. Evaluated by characterization – Not tested in production.
Unit
General(2)
2. VDD = 3.0 V for values in Typ columns and 3.6 V for values in Max columns, all peripherals disabled.
fHCLK
Fetch
from(3)
3. Code compiled with high optimization for space in SRAM.
25
°C
85
°C
105
°C
125
°C
25
°C
85
°C
105
°C
125
°C
IDD(Run)
Supply
current in
Run mode
fHCLK = fHSE_bypass
(>32.768 kHz),
fHCLK = fLSE_bypass
(=32.768 kHz)
48 MHz
SRAM
2.80
2.90
2.95
3.05
3.20
3.40
3.70
4.20
mA
32 MHz
1.90
1.95
2.00
2.10
2.20
2.40
2.70
3.20
24 MHz
1.45
1.50
1.55
1.65
1.70
1.90
2.20
2.70
16 MHz
0.990
1.05
1.10
1.20
1.20
1.40
1.70
2.20
8 MHz
0.535 0.585 0.635 0.735 0.630 0.860
1.20
1.70
4 MHz
0.305 0.355 0.405 0.505 0.380 0.630 0.900
1.40
2 MHz
0.195 0.240 0.295 0.390 0.250 0.500 0.770
1.30
1 MHz
0.135 0.185 0.235 0.335 0.180 0.430 0.710
1.30
500 kHz
0.110
0.155 0.205 0.305 0.150 0.400 0.670
1.20
125 kHz
0.0865 0.135 0.185 0.285 0.130 0.370 0.650
1.20
32.768 kHz
0.082 0.130 0.180 0.280 0.120 0.370 0.640
1.20
fHCLK = fHSI48/HSIDIV
( > 32 kHz),
fHCLK = fLSI
( = 32 kHz)
48 MHz
3.15
3.20
3.25
3.30
3.50
3.70
3.90
4.40
24 MHz
1.90
1.95
2.00
2.05
2.10
2.30
2.60
3.10
12 MHz
1.30
1.30
1.35
1.45
1.50
1.70
1.90
2.40
6 MHz
0.965 0.995
1.05
1.15
1.15
1.30
1.60
2.10
3 MHz
0.810 0.835 0.880 0.970 0.900 1.20
1.40
1.90
1.5 MHz
0.730 0.760 0.800 0.890 0.810 1.10
1.30
1.80
750 kHz
0.690 0.720 0.765 0.855 0.770 0.990
1.30
1.80
375 kHz
0.670 0.700 0.745 0.835 0.750 0.970
1.30
1.80
32 kHz
0.082 0.130 0.180 0.280 0.120 0.370 0.640
1.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com