Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32C011F6P7 Datasheet(PDF) 72 Page - STMicroelectronics

Part # STM32C011F6P7
Description  Arm® Cortex®-M0 32-bit MCU, 32 KB Flash, 6 KB RAM,2 x USART, timers, ADC, comm. I/Fs, 2-3.6 V
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32C011F6P7 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button STM32C011F6P7 Datasheet HTML 68Page - STMicroelectronics STM32C011F6P7 Datasheet HTML 69Page - STMicroelectronics STM32C011F6P7 Datasheet HTML 70Page - STMicroelectronics STM32C011F6P7 Datasheet HTML 71Page - STMicroelectronics STM32C011F6P7 Datasheet HTML 72Page - STMicroelectronics STM32C011F6P7 Datasheet HTML 73Page - STMicroelectronics STM32C011F6P7 Datasheet HTML 74Page - STMicroelectronics STM32C011F6P7 Datasheet HTML 75Page - STMicroelectronics STM32C011F6P7 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 94 page
background image
Electrical characteristics
STM32C011x4/x6
72/94
DS13866 Rev 3
5.3.16
Temperature sensor characteristics
5.3.17
Timer characteristics
The parameters given in the following tables are guaranteed by design. Refer to
Section 5.3.13: I/O port characteristics for details on the input/output alternate function
characteristics (output compare, input capture, external clock, PWM output).
Table 56. TS characteristics
Symbol
Parameter
Min
Typ
Max
Unit
TL(1)
VSENSE linearity with temperature
-
±1
±5
°C
Avg_Slope(2)
Average slope from VSENSE voltage
2.4
2.53
2.65
mV/°C
V30(3)
Voltage at 30°C (±5 °C)
0.742
0.76
0.786
V
tSTART(TS_BUF)(1) Sensor Buffer Start-up time in continuous mode
-
8
15
µs
tSTART(1)
Start-up time when entering in continuous mode
-
8
120
tS_temp(1)
ADC sampling time when reading the temperature
5
-
-
isens (1)
Temperature sensor consumption from VDD, when
selected by ADC
-4.7
7.0
µA
1. Specified by design – Not tested in production.
2. Evaluated by characterization – Not tested in production.
3. Measured at VDDA = 3.3 V ±10 mV. The V30 ADC conversion result is stored in the TS_CAL1 byte.
Table 57. TIMx(1) (2)characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
tres(TIM)
Timer resolution time
-1
-
tTIMxCLK
fTIMxCLK = 48 MHz
20.833
-
ns
fEXT
Timer external clock frequency
on CH1 to CH4
-0
fTIMxCLK/4
MHz
ResTIM
Timer resolution
TIMx
-
16
bit
tCOUNTER
16-bit counter clock period
-
1
65536
tTIMxCLK
tMAX_COUNT
Maximum possible count with
16-bit counter
-
-
65536
tTIMxCLK
1. TIMx, is used as a general term to refer to the TIM1 and TIM17 timers.
2. Specified by design – Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com