Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32C011D4M7 Datasheet(PDF) 79 Page - STMicroelectronics

Part # STM32C011D4M7
Description  Arm® Cortex®-M0 32-bit MCU, 32 KB Flash, 6 KB RAM,2 x USART, timers, ADC, comm. I/Fs, 2-3.6 V
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32C011D4M7 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button STM32C011D4M7 Datasheet HTML 75Page - STMicroelectronics STM32C011D4M7 Datasheet HTML 76Page - STMicroelectronics STM32C011D4M7 Datasheet HTML 77Page - STMicroelectronics STM32C011D4M7 Datasheet HTML 78Page - STMicroelectronics STM32C011D4M7 Datasheet HTML 79Page - STMicroelectronics STM32C011D4M7 Datasheet HTML 80Page - STMicroelectronics STM32C011D4M7 Datasheet HTML 81Page - STMicroelectronics STM32C011D4M7 Datasheet HTML 82Page - STMicroelectronics STM32C011D4M7 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 94 page
background image
DS13866 Rev 3
79/94
STM32C011x4/x6
Electrical characteristics
79
Table 63. USART characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fCK
USART clock frequency
Master mode
-
-
6.0
MHz
Slave receiver mode
-
-
16.0
Slave transmitter
-
-
16.0
tsu(NSS)
NSS setup time
Slave mode
tker + 1
-
-
ns
th(NSS)
NSS hold time
Slave mode
2
-
-
tw(CKH)
CK high time
Master mode
1 / fCK / 2
- 1
1 / fCK / 2
1 / fCK / 2
+ 1
tw(CKL)
CK low time
tsu(MI)
Data input setup time
Master mode
16
-
-
tsu(SI)
Slave mode
1.5
-
-
th(MI)
Data input hold time
Master mode
0
-
-
th(SI)
Slave mode
0
-
-
tv(SO)
Data output valid time
Slave mode
2.7 V < VDD < 3.6 V
-12.0
19
Slave mode
1.6 V < VDD < 3.6 V
-12.0
13
tv(MO)
Master mode
-
2.0
4
th(SO)
Data output hold time
Slave mode
9.5
-
-
th(SO)
Master mode
0.5
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com