Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS180-01 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS180-01
Description  LOW EMI CLOCK GENERATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS180-01 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS180-01 Datasheet HTML 1Page - Renesas Technology Corp ICS180-01 Datasheet HTML 2Page - Renesas Technology Corp ICS180-01 Datasheet HTML 3Page - Renesas Technology Corp ICS180-01 Datasheet HTML 4Page - Renesas Technology Corp ICS180-01 Datasheet HTML 5Page - Renesas Technology Corp ICS180-01 Datasheet HTML 6Page - Renesas Technology Corp ICS180-01 Datasheet HTML 7Page - Renesas Technology Corp ICS180-01 Datasheet HTML 8Page - Renesas Technology Corp ICS180-01 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ICS180-01
LOW EMI CLOCK GENERATOR
SSCG
IDT™ / ICS™ LOW EMI CLOCK GENERATOR
3
ICS180-01
REV D 051310
External Components
The ICS180-01 requires a minimum number of external
components for proper operation.
Decoupling Capacitor
A decoupling capacitor of 0.01µF must be connected
between VDD and GND on pins 6 and 3, as close to
these pins as possible. For optimum device
performance, the decoupling capacitor should be
mounted on the component side of the PCB. Avoid the
use of vias in the decoupling circuit.
Series Termination Resistor
When the PCB trace between the clock output and the
load is over 1 inch, series termination should be used.
To series terminate a 50
Ωtrace (a commonly used trace
impedance) place a 33
Ωresistor in series with the clock
line, as close to the clock output pin as possible. The
nominal impedance of the clock output is 20
Ω.
value of these capacitors is given by the following
equation:
PCB Layout Recommendations
For optimum device performance and lowest output
phase noise, the following guidelines should be
observed.
1) The 0.01µF decoupling capacitor should be mounted
on the component side of the board as close to the VDD
pin as possible. No vias should be used between the
decoupling capacitor and VDD pin. The PCB trace to
VDD pin should be kept as short as possible, as should
the PCB trace to the ground via.
2) To minimize EMI, the 33
Ωseries termination resistor
(if needed) should be placed close to the clock output.
3) An optimum layout is one with all components on the
same side of the board, minimizing vias through other
signal layers. Other signal traces should be routed away
from the ICS180-01. This includes signal traces just
underneath the device, or on layers adjacent to the
ground plane layer used by the device.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com