Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMB-260 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ASMB-260
Description  Intel® Atom® C3000 Mini-ITX Server Board with 4 DDR4, 1 PCIe x4, 8 SATA3, 4 USB 3.0, Dual 10GbE, IPMI
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ASMB-260 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ASMB-260 Datasheet HTML 1Page - Advantech Co., Ltd. ASMB-260 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
ASMB-260
Ordering Information
Part Number
CPU
Memory
10GbE Lan
GbE Lan
SATA
M.2
VGA
IPMI
ASMB-260T2-22A1
C3758
4 xDDR4 RDIMM/UDIMM
2
1
8
1
AST 2500
Yes
ASMB-260I-22A1
C3758
4 xDDR4 RDIMM/UDIMM
-
1
8
1
AST 2500
Yes
ASMB-260I-21A1
C3558
4 xDDR4 RDIMM/UDIMM
-
1
2
0
AST 2500
Yes
Packing List
Part Number
Description
Quantity
2061260I00
Driver CD
x 1
2001026000
Start manual
x 1
1960052312T020
I/O shield
x 1
1700003194
SATA Data Cables
x 2
1930007120-01
Screw for M.2 device
x 2
1700024372-01
SATA Power cable
x 2
I/O View
Optional Accessories
Part number
Description
1960080721N001
Atom C3000 cooler for 1U/2U and tower chassis
1700019414
COM port cable w/o bracket
1700002204
Dual port USB 2.0 cable (27 cm) with bracket
1700020277-01
Dual port USB3.0 cable (30 cm) with bracket
19Z0000406T110
1U I/O shield
Note: Purchasing ASMB-260's proprietary CPU cooler from Advantech is a must.
ASMB-260T2-22A1
ASMB-260I-22A1
ASMB-260I-21A1
Channel A
1866/2133/2400/2666 MHz
ECC DDR4 U-DIMM or R-DIMM
Channel B
1866/2133/2400/2666 MHz
ECC DDR4 U-DIMM or R-DIMM
KR TX/RX diff.
Intel X557-AT2
10GbE LAN 2/3
LPC Conn.
TPM (option)
Intel NIC-I210
GbE LAN 1
PCIe Gen1 X1
USB 2.0
PCIe Gen2 x1
LPC BUS
CPLD
SPI BIOS
64M-bit
PCIe x4 Slot
PCIe Gen3 x4
Slot 1
SATA Port 0~7
SATA 6Gb/s
SATA 6Gb/s
USB 3.0
PCIe Gen2 x1
USB 3.0
Intel ATOM C3000
NC-SI
BMC
AST2500
with WDT
DRAM
RJ45
RJ45
RJ45
VGA
SPI Flash 32MB
FAN Conn. *5
RS-232 COM PORT*2
8 bit GPIO PORT
HW Monitor
MDI
MDI
MDI
DDR4
RGB
SPI
SATA Port 8
1 * M.2 2242
USB Port 0~2
(1 on board / 2 Rear)
PCIE to USB3.0
Bridge
USB Port 3
(1 on board)
CPU Power
VR13



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com