Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMB-586 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ASMB-586
Description  LGA 1151 Intel® Xeon® E & 8th/9th Generation Core™ MicroATX Server Board with 4 DDR4, 4 PCIe, 6 USB 3.1, 8 SATA3, Quad/Dual LANs, IPMI
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ASMB-586 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ASMB-586 Datasheet HTML 1Page - Advantech Co., Ltd. ASMB-586 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
ASMB-586
Block Diagram
Block Diagram
Ordering Information
Part Number
Chipset
Memory
Display
LAN
SATAIII
IPMI
ASMB-586G2-00A1
C246
DDR4 ECC/Non-ECC
VGA + DVI-D + HDMI
2
8
Optional
ASMB-586G4-00A1
C246
DDR4 ECC/Non-ECC
VGA + DVI-D + HDMI
4
8
Optional
Optional Accessories
Part Number
Description
1960049408N001
LGA 1151 CPU heatsink for 1U chassis
1960052651N021
LGA 1151 CPU cooler for 2U/4U chassis
1960088060T001
1U IO bracket for ASMB-586
1700002204
Dual port USB2.0 cable (27 cm) with bracket
1700008461
Four port USB2.0 cable (30.5 cm) with bracket
1700028292-01
Dual port USB3.0 cable (30 cm) with bracket
1701090401
Single port RS-232 cable (40cm) for COM2 connector
1700019268-11
Cable for onboard KBMS1 connector (35cm)
1960063434N000
Cable bracket for 1700019268-11
IPMI-1000-00B1
IPMI 2.0 Module
PCA-COM232-00A1E 4 ports RS-232 module connect to LPC connector
PCA-COM485-00A1E 4 ports RS-422/485 module connect to LPC connector
PCA-TPM-00B1E
TPM 2.0 Module by LPC
Note: Purchasing ASMB-586's proprietary CPU cooler from Advantech is a must. Other brands' CPU
coolers may NOT compatible with ASMB-586.
Packing List
Part Number
Description
Quantity
2001058610
Startup manual
x 1
1700003194
SATA data cables
x 2
1700022749-11
SATA power cables
x 2
1700001788
COM1 cable
x 1
1960088021T001
I/O shield
x 1
I/O View
Intel Xeon E and
8th/9th Generation
Core i3/i5/i7 series
Processors
Intel C246
PCH
Channel A
(ECC/Non-ECC) DDR4 2133/2400/2666
(ECC/Non-ECC) DDR4 2133/2400/2666
(ECC/Non-ECC) DDR4 2133/2400/2666
(ECC/Non-ECC) DDR4 2133/2400/2666
HD Audio
AUDIO ALC892
PCIe Gen1 x1
GbE LAN1: I219
MDI
RJ45
10/100/1G
Audio
AUDIO
Connector &
SPDIF OUT
PCIe Gen2 x1
GbE LAN4: I210
MDI
RJ45
10/100/1G
PCIe Gen2 x1
GbE LAN3: I210
MDI
RJ45
10/100/1G
PCIe Gen2 x1
GbE LAN2: I210
HWM NCT7802Y
Pin Header
LPC Connector
USB 2.0
PCIe Gen2 x1
BMC
Connector
(Optional)
Super I/O
Nuvoton
NCT6776D
MDI
SM BUS
LPC BUS
RJ45
10/100/1G
Channel B
PCIe Gen3 x16
PCIe x16 Slot
Slot 6
PCIe Gen3 x4
PCIe x4 Slot
Slot 4
PCIe Gen3 x1
PCIe x1 Slot
Slot 5
PCIe Gen3 x4
SATA3
6 Gb/s
PCIe x4 Slot
CASE OPEN
5 x FAN
H/W Monitor
PS/2 KB, MS
2 x RS-232
8 bit GPIO Pin Header
SPI BUS
SPI BIOS
Slot 7
Display Port 1
TMDS
Level Shifter
DVI-D
Display Port 3
TMDS
Converter
HDMI
Display Port
Embedded
RGB
Converter
VGA D-Sub
8 x SATA3
(RAID 0,1,5,10)
USB 2.0
7 x USB2.0
USB 3.1
6 x USB3.1
ASMB-586G2-00A1
ASMB-586G4-00A1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com