Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMB-588 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ASMB-588
Description  LGA 1700 Intel® 12th Gen. Core™ MicroATX Server Board with 4 x DDR5, 3 x PCIe (1 x Gen 5, 2 x Gen 4), 6 x USB 3.2, 5 x SATA3, Quad/Dual LANs, and IPMI
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ASMB-588 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ASMB-588 Datasheet HTML 1Page - Advantech Co., Ltd. ASMB-588 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
ASMB-588
Block Diagram
Block Diagram
Ordering Information
Part Number
Chipset
Memory
Display
LAN
SATAIII
IPMI
ASMB-588G2-00A1
W680
DDR5 ECC/Non-ECC UDIMM
VGA + DVI-D + HDMI
2
5
Optional
ASMB-588G4-00A1
W680
DDR5 ECC/Non-ECC UDIMM
VGA + DVI-D + HDMI
4
5
Optional
Optional Accessories
Part Number
Description
1970005531T001
LGA 1700 CPU heatsink for 1U chassis
1970005436T001
LGA 1700 CPU cooler for 2U/4U chassis (CPU 125W)
1970005349T000
LGA 1700 CPU cooler for 2U/4U chassis (CPU under 65W)
1960088060T011
1U I/O shield for ASMB-588/788
1700002204
Dual-port USB 2.0 cable (27 cm / 10.6 in) with bracket
1700008461
Four-port USB 2.0 cable (30.5 cm / 12 in) with bracket
1700028292-01
Dual-port USB 3.0 cable (30 cm / 11.8 in) with bracket
1700026254-01
Dual-port RS-232 cable (45 cm/ 17.7 in) with bracket
IPMI-2000-00A1
IPMI Module
PCA-TPMSPI-00A1
TPM 2.0 Module by SPI
1700031926-11
JFP1 cable for 1U chassis
Note: Users need to purchase the ASMB-588 proprietary CPU cooler from Advantech. Other brands of CPU
coolers may NOT be compatible with ASMB-588.
Packing List
Part Number
Description
Quantity
2042058800
Startup manual
x 1
1700003194
SATA data cables
x 2
1700022749-11
SATA power cables
x 2
1700001788
COM1 cable
x 1
1960088021T011
I/O shield
x 1
1930005673-11
Screw for M.2 device
x 1
I/O View
ASMB-588G2-00A1
ASMB-588G4-00A1
Intel® LGA 1700 Socket
12th Gen Core Processor
Intel® W680 PCH
(Platform Control Hub)
Channel A
(ECC) DDR5 3600/4000/4400 Max. 32 GB
(ECC) DDR5 3600/4000/4400 Max. 32 GB
(ECC) DDR5 3600/4000/4400 Max. 32 GB
(ECC) DDR5 3600/4000/4400 Max. 32 GB
HD Audio
AUDIO ALC888S
CPU Power IMVP9.1
PCIe Gen 1 x1
LAN1
Intel® I219
MDI
RJ-45
10/100/1G
Audio
AUDIO Conn.
& SPDIF OUT
USB 2.0
PCIe Gen 1 x1
IPMI module
(Optional)
Super I/O
Nuvoton
NCT6126D
Channel B
PCIe Gen 5 x16
PCIe x16 Slot
Slot 6
PCIe Gen 4 x4
PCIe x4 Slot
Slot 7
PCIe Gen 4 x4
PCIe x4 Slot
Slot 4
LAN1
PCIe Gen 2 x1
Intel® I210
LAN4
PCIe Gen 1 x1
LAN3
PCIe Gen 1 x1
LAN2
4 Pin Header
1 USB Type A
2 BOX Header
4 Rear Panel
1 Pin Header
CASE OPEN
eSPI Connector
1 Pin Header
3 BOX Header
Rear Panel
Pin Header
Rear Panel
LAN4
MDI
RJ-45
10/100/1G
Rear Panel
LAN3
MDI
RJ-45
10/100/1G
Rear Panel
LAN2
MDI
RJ-45
10/100/1G
Rear Panel
1 Pin Header
5 x FAN
5 Pin Header
H/W Monitor
FAN - CPU0 / SYS0 / SYS1 / SYS2 / SYS3
Voltage - +V12 / +V5 / +V5_SB / +VCORE / +VDDQ / +VBAT
TEMP. - CPU / MB
SATA3
6 Gb/s
3 x RS-232
8-bit GPIO Pin Header
SPI BUS
SPI BIOS (SKT)
DisplayPort B
TMDS
Re-timer
PCIe Gen 4 x4
1 x M.2 2280
HDMI
DisplayPort C
TMDS
Level Shifter
DVI
RGB
Converter
VGA D-Sub
5 x SATA3
USB 2.0
5 x USB 2.0
USB 3.2
2 x USB 3.2 Gen 1
4 x USB 3.2 Gen 2
DisplayPort D
256 Mbit
SPI Connector
Rear Panel
Rear Panel
Rear Panel
eSPI BUS
Intel® I210
Intel® I210



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com