Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST32G512A Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST32G512A
Description  M2M automotive-grade secure MCU with 32-bit ARM® Cortex®-M3 CPU and up to 512 Kbytes of high density Flash memory
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST32G512A Datasheet(HTML) 3 Page - STMicroelectronics

  ST32G512A Datasheet HTML 1Page - STMicroelectronics ST32G512A Datasheet HTML 2Page - STMicroelectronics ST32G512A Datasheet HTML 3Page - STMicroelectronics ST32G512A Datasheet HTML 4Page - STMicroelectronics ST32G512A Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DocID028873 Rev 1
3/5
ST32GxxxA
Description
4
1.1
Package features
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
1.1.1
DFN8 package qualification for M2M automotive applications
Package qualification for M2M automotive applications, according to AEC Q100 standard:
Moisture Sensitivity Level test according to IPC/JEDEC J-STD-20: MSL1 with 260 °C
peak temperature.
Temperature Humidity Bias test according to JEDEC JESD22-A101: 85 °C, 85% RH,
1000 hours.
Autoclave test according to JEDEC JESD22-A102: 121°C, 100% RH, 205 kPa,
96 hours.
Vibration test according to JEDEC JESD22-B103 service condition 1: 20 / 2000 Hz,
20 g peak acceleration.
Mechanical Shock test according to JEDEC JESD22-B104 service condition B: 1500 g
acceleration for 0.5 ms pulse duration.
Temperature cycling test according to JEDEC JESD22-A104: –65 / +150 °C,
500 cycles.
1.1.2
Package information
For a complete description of available packages and micromodules, refer to the
ST32GxxxA package mechanical data - package information.
1.2
Software development tool description
Dedicated Cortex™-M3 software development tools are provided by ARM and Keil®. This
includes the Instruction Set Simulator (ISS) and C compiler. The documentation is available
on the ARM and Keil websites.
Moreover, STMicroelectronics provides:
A time-accurate hardware emulator controlled by the Keil debugger and the ST
development environment.
A complete product simulator based on Keil’s ISS simulator for the Cortex™-M3 CPU.
A ROMed Flash memory loader with very high-speed software downloading
capabilities.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com