Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST32G256A Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST32G256A
Description  M2M automotive-grade secure MCU with 32-bit ARM® Cortex®-M3 CPU and up to 512 Kbytes of high density Flash memory
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST32G256A Datasheet(HTML) 2 Page - STMicroelectronics

  ST32G256A Datasheet HTML 1Page - STMicroelectronics ST32G256A Datasheet HTML 2Page - STMicroelectronics ST32G256A Datasheet HTML 3Page - STMicroelectronics ST32G256A Datasheet HTML 4Page - STMicroelectronics ST32G256A Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Description
ST32GxxxA
2/5
DocID028873 Rev 1
1
Description
The ST32GxxxA (see Table 1) is a serial access microcontroller designed for machine-to-
machine (M2M) applications in the car environment that incorporates the most recent
generation of ARM® processors for embedded systems. Its Cortex®-M3 32-bit RISC core
operating at a 15-MHz frequency brings great performance and excellent code compacity to
the application thanks to the Thumb®-2 instruction set.
The 512-Kbyte high-speed embedded Flash memory introduces more flexibility to the
system. This Flash memory has an improved cycling capability compared to the
ST32F512-M.
The ST32GxxxA also offers a serial communication interface fully compatible with the
ISO/IEC 7816-3 standard (T=0, T=1).
Two general-purpose 16-bit timers are available.
A hardware Data Encryption Standard (DES) accelerator can be used to the user to
optimize the application performance. A software library is provided for Advanced
Encryption Standard (AES) implementation.
The ST32GxxxA operates in the –40 to +105 °C temperature range and 1.8 V, 3 V and 5 V
supply voltage ranges. A comprehensive range of power-saving modes enables the design
of efficient low-power applications.
Figure 1. ST32GxxxA block diagram



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com