Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

952001 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # 952001
Description  Programmable Timing Control Hub™ for P4™ processor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

952001 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button 952001 Datasheet HTML 10Page - Renesas Technology Corp 952001 Datasheet HTML 11Page - Renesas Technology Corp 952001 Datasheet HTML 12Page - Renesas Technology Corp 952001 Datasheet HTML 13Page - Renesas Technology Corp 952001 Datasheet HTML 14Page - Renesas Technology Corp 952001 Datasheet HTML 15Page - Renesas Technology Corp 952001 Datasheet HTML 16Page - Renesas Technology Corp 952001 Datasheet HTML 17Page - Renesas Technology Corp 952001 Datasheet HTML 18Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
15
Third party brands and names are the property of their respective owners.
Integrated
Circuit
Systems, Inc.
ICS952001
Preliminary Product Preview
The impact of asserting the PCI_STOP# signal will be the following. All PCI and stoppable PCI_F clocks will latch low in their
next high to low transition. The PCI_STOP# setup time tsu is 10 ns, for transitions to be recognized by the next rising edge.
PCI_STOP#
PCI_F 33MHz
PCI 33MHz
tsu
Assertion of PCI_STOP# Waveforms
PCI_STOP# - Assertion (transition from logic "1" to logic "0")
CPU_STOP#
CPUT
CPUC
The impact of asserting the CPU_STOP# pin is all CPU outputs that are set in the I
2C configuration to be stoppable via
assertion of CPU_STOP# are to be stopped after their next transition following the two CPU clock edge sampling as shown.
The final state of the stopped CPU signals is CPUT=High and CPUC=Low. There is to be no change to the output drive current
values. The CPUT will be driven high with a current value equal to (MULTSEL0) X (I REF), the CPUC signal will not be driven.
CPU_STOP# - Assertion (transition from logic "1" to logic "0")
Assertion of CPU_STOP# Waveforms
CPU_STOP# Functionality
#
P
O
T
S
_
U
P
CT
U
P
CC
U
P
C
1l
a
m
r
o
Nl
a
m
r
o
N
0t
l
u
M
*
f
e
r
it
a
o
l
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com