Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS04MS Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ACS04MS
Description  Radiation Hardened Hex Inverter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ACS04MS Datasheet(HTML) 1 Page - Renesas Technology Corp

  ACS04MS Datasheet HTML 1Page - Renesas Technology Corp ACS04MS Datasheet HTML 2Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FN4541 Rev 0.00
Page 1 of 2
November 1998
FN4541
Rev 0.00
November 1998
ACS04MS
Radiation Hardened Hex Inverter
DATASHEET
The Radiation Hardened ACS04MS is a Hex Inverter. This
device simply inverts the level present on each input. All
inputs are buffered and the outputs are designed for
balanced propagation delay and transition times.
The ACS04MS is fabricated on a CMOS Silicon on Sapphire
(SOS) process, which provides an immunity to Single Event
Latch-up and the capability of highly reliable performance in
any radiation environment. These devices offer significant
power reduction and faster performance when compared to
ALSTTL types.
Specifications for Rad Hard QML devices are controlled
by the Defense Supply Center in Columbus (DSCC). The
SMD numbers listed below must be used when ordering.
Detailed Electrical Specifications for the ACS04MS are
contained in SMD 5962-98603. A “hot-link” is provided
on our homepage with instructions for downloading.
www.intersil.com/data/sm/index.asp
Features
• QML Qualified Per MIL-PRF-38535 Requirements
• 1.25 Micron Radiation Hardened SOS CMOS
• Radiation Environment
- Latch-Up Free Under Any Conditions
- Total Dose . . . . . . . . . . . . . . . . . . . . . . 3 x 105 RAD(Si)
- SEU Immunity. . . . . . . . . . . . <1 x 10-10 Errors/Bit/Day
- SEU LET Threshold . . . . . . . . . . . . >100MeV/(mg/cm2)
• Input Logic Levels . . . .VIL = (0.3)(VCC), VIH = (0.7)(VCC)
• Output Current . . . . . . . . . . . . . . . . . . . . . . . .
8mA (Min)
• Quiescent Supply Current . . . . . . . . . . . . . . .100
A (Max)
• Propagation Delay . . . . . . . . . . . . . . . . . . . . . . 15ns (Max)
Applications
• High Speed Control Circuits
• Sensor Monitoring
• Low Power Designs
Ordering Information
ORDERING NUMBER
INTERNAL MKT. NUMBER
TEMP. RANGE (oC)
PACKAGE
DESIGNATOR
5962F9860301VCC
ACS04DMSR-03
-55 to 125
14 Ld SBDIP
CDIP2-T14
ACS04D/SAMPLE-03
ACS04D/SAMPLE-03
25
14 Ld SBDIP
CDIP2-T14
5962F9860301VXC
ACS04KMSR-03
-55 to 125
14 Ld Flatpack
CDFP4-F14
ACS04K/SAMPLE-03
ACS04K/SAMPLE-03
25
14 Ld Flatpack
CDFP4-F14
5962F9860301V9A
ACS04HMSR-03
25
Die
N/A
Pinouts
ACS04MS
(SBDIP)
TOP VIEW
ACS04MS
(FLATPACK)
TOP VIEW
A1
Y1
A2
Y2
A3
Y3
GND
VCC
A6
Y6
A5
Y5
A4
Y4
1
2
3
4
5
6
7
14
13
12
11
10
9
8
14
13
12
11
10
9
8
2
3
4
5
6
7
1
A1
Y1
A2
Y2
A3
Y3
GND
VCC
A6
Y6
A5
Y5
A4
Y4


Similar Part No. - ACS04MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS04MS INTERSIL-ACS04MS Datasheet
50Kb / 2P
Radiation Hardened Hex Inverter
November 1998
More results

Similar Description - ACS04MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS04MS INTERSIL-ACS04MS Datasheet
50Kb / 2P
Radiation Hardened Hex Inverter
November 1998
ACS05MS INTERSIL-ACS05MS Datasheet
50Kb / 2P
Radiation Hardened Hex Inverter with Open Drain Outputs
November 1998
HCS04MS INTERSIL-HCS04MS Datasheet
104Kb / 8P
Radiation Hardened Hex Inverter
August 1995
HCS05MS INTERSIL-HCS05MS Datasheet
107Kb / 7P
Radiation Hardened Hex Inverter with Open Drain
September 1995
HCTS04MS INTERSIL-HCTS04MS Datasheet
49Kb / 9P
Radiation Hardened Hex Inverter
August 1995
ACTS04MS INTERSIL-ACTS04MS Datasheet
90Kb / 3P
Radiation Hardened Hex Inverter
January 1996
logo
Renesas Technology Corp
ACTS04MS RENESAS-ACTS04MS Datasheet
246Kb / 2P
Radiation Hardened Hex Inverter
January 1996
HCS04MS RENESAS-HCS04MS Datasheet
573Kb / 8P
Radiation Hardened Hex Inverter
August 1995
HCS05MS RENESAS-HCS05MS Datasheet
316Kb / 7P
Radiation Hardened Hex Inverter with Open Drain
September 1995
HCTS04MS RENESAS-HCTS04MS Datasheet
575Kb / 8P
Radiation Hardened Hex Inverter
August 1995
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com