Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTS04MS Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ACTS04MS
Description  Radiation Hardened Hex Inverter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ACTS04MS Datasheet(HTML) 1 Page - Renesas Technology Corp

  ACTS04MS Datasheet HTML 1Page - Renesas Technology Corp ACTS04MS Datasheet HTML 2Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FN3383 Rev.1.00
Page 1 of 2
January 1996
FN3383
Rev.1.00
January 1996
ACTS04MS
Radiation Hardened Hex Inverter
DATASHEET
Features
• Devices QML Qualified in Accordance with MIL-PRF-38535
• Detailed Electrical and Screening Requirements are
Contained in SMD# 5962-96712 and Intersil’s QM Plan
• 1.25 Micron Radiation Hardened SOS CMOS
• Total Dose >300K RAD (Si)
• Single Event Upset (SEU) Immunity: <1 x 10-10 Errors/
Bit/Day (Typ)
• SEU LET Threshold>100 MEV-cm2/mg
• Dose Rate Upset>1011 RAD (Si)/s, 20ns Pulse
• Dose Rate Survivability>1012 RAD (Si)/s, 20ns Pulse
• Latch-Up Free Under Any Conditions
• Military Temperature Range-55oC to +125oC
• Significant Power Reduction Compared to ALSTTL
Logic
• DC Operating Voltage Range 4.5V to 5.5V
• Input Logic Levels
- VIL = 0.8V Max
- VIH = VCC/2 Min
• Input Current
 1A at VOL, VOH
• Fast Propagation Delay14ns (Max), 9ns (Typ)
Description
The Intersil ACTS04MS is a Radiation Hardened Hex Inverter.
The ACTS04MS utilizes advanced CMOS/SOS technology to
achieve high-speed operation. This device is a member of radi-
ation hardened, high-speed, CMOS/SOS Logic Family.
The ACTS04MS is supplied in a 14 lead Ceramic Flatpack (K
suffix) or a Ceramic Dual-In-Line Package (D suffix).
Pinouts
14 PIN CERAMIC DUAL-IN-LINE MIL-STD-1835 DESIGNATOR
CDIP2-T14, LEAD FINISH C
TOP VIEW
14 PIN CERAMIC FLATPACK MIL-STD-1835 DESIGNATOR CDFP3-
F14, LEAD FINISH C
TOP VIEW
Functional Diagram
TRUTH TABLE
INPUTS
OUTPUTS
An
Yn
LH
HL
NOTE: L = Logic Level Low, H = Logic level High
A1
Y1
A2
Y2
A3
Y3
GND
VCC
A6
Y6
A5
Y5
A4
Y4
1
2
3
4
5
6
7
14
13
12
11
10
9
8
14
13
12
11
10
9
8
2
3
4
5
6
7
1
A1
Y1
A2
Y2
A3
Y3
GND
VCC
A6
Y6
A5
Y5
A4
Y4
An
Yn
Ordering Information
PART NUMBER
TEMPERATURE RANGE
SCREENING LEVEL
PACKAGE
5962F9671201VCC
-55oC to +125oC
MIL-PRF-38535 Class V
14 Lead SBDIP
5962F9671201VXC
-55oC to +125oC
MIL-PRF-38535 Class V
14 Lead Ceramic Flatpack
ACTS04D/Sample
25oC
Sample
14 Lead SBDIP
ACTS04K/Sample
25oC
Sample
14 Lead Ceramic Flatpack
ACTS04HMSR
25oCDie
Die


Similar Part No. - ACTS04MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACTS04MS INTERSIL-ACTS04MS Datasheet
90Kb / 3P
Radiation Hardened Hex Inverter
January 1996
More results

Similar Description - ACTS04MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS04MS INTERSIL-ACS04MS Datasheet
50Kb / 2P
Radiation Hardened Hex Inverter
November 1998
ACS05MS INTERSIL-ACS05MS Datasheet
50Kb / 2P
Radiation Hardened Hex Inverter with Open Drain Outputs
November 1998
HCS04MS INTERSIL-HCS04MS Datasheet
104Kb / 8P
Radiation Hardened Hex Inverter
August 1995
HCS05MS INTERSIL-HCS05MS Datasheet
107Kb / 7P
Radiation Hardened Hex Inverter with Open Drain
September 1995
HCTS04MS INTERSIL-HCTS04MS Datasheet
49Kb / 9P
Radiation Hardened Hex Inverter
August 1995
ACTS04MS INTERSIL-ACTS04MS Datasheet
90Kb / 3P
Radiation Hardened Hex Inverter
January 1996
logo
Renesas Technology Corp
ACS04MS RENESAS-ACS04MS Datasheet
220Kb / 2P
Radiation Hardened Hex Inverter
November 1998
HCS04MS RENESAS-HCS04MS Datasheet
573Kb / 8P
Radiation Hardened Hex Inverter
August 1995
HCS05MS RENESAS-HCS05MS Datasheet
316Kb / 7P
Radiation Hardened Hex Inverter with Open Drain
September 1995
HCTS04MS RENESAS-HCTS04MS Datasheet
575Kb / 8P
Radiation Hardened Hex Inverter
August 1995
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com