Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTS08DMSR Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ACTS08DMSR
Description  Radiation HardenedQuad 2-Input AND Gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ACTS08DMSR Datasheet(HTML) 6 Page - Renesas Technology Corp

  ACTS08DMSR Datasheet HTML 1Page - Renesas Technology Corp ACTS08DMSR Datasheet HTML 2Page - Renesas Technology Corp ACTS08DMSR Datasheet HTML 3Page - Renesas Technology Corp ACTS08DMSR Datasheet HTML 4Page - Renesas Technology Corp ACTS08DMSR Datasheet HTML 5Page - Renesas Technology Corp ACTS08DMSR Datasheet HTML 6Page - Renesas Technology Corp ACTS08DMSR Datasheet HTML 7Page - Renesas Technology Corp ACTS08DMSR Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ACTS08MS
FN3994 Rev 0.00
Page 6 of 8
April 1995
Metallization Mask Layout
ACTS08MS
(6)
(9)
Y2
A3
A1
VCC
B4
(1)
(14)
(13)
(10) B3
(12) A4
Y1 (3)
A2 (4)
B2 (5)
B1
(2)
NC
(8)
Y3
(11) Y4
NC
GND
(7)
Die Characteristics
DIE DIMENSIONS:
88 mils x 88 mils
2.24mm x 2.24mm
METALLIZATION:
Type: AlSiCu
Metal 1 Thickness: 6.75k
Å (Min), 8.25kÅ (Max)
Metal 2 Thickness: 9k
Å (Min), 11kÅ (Max)
GLASSIVATION:
Type: SiO2
Thickness: 8k
Å 1kÅ
DIE ATTACH:
Material: Silver Glass or JM 7000 Polymer after 7/1/95
WORST CASE CURRENT DENSITY:
< 2.0 x 105A/cm2
BOND PAD SIZE:
> 4.3 mils x 4.3 mils
> 110
m x 110m



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com