Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTS74HMSR Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ACTS74HMSR
Description  Radiation Hardened Dual D Flip Flop with Set and Reset
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ACTS74HMSR Datasheet(HTML) 3 Page - Renesas Technology Corp

  ACTS74HMSR Datasheet HTML 1Page - Renesas Technology Corp ACTS74HMSR Datasheet HTML 2Page - Renesas Technology Corp ACTS74HMSR Datasheet HTML 3Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
ACTS74MS
Die Characteristics
DIE DIMENSIONS:
88 mils x 88 mils
2240mm x 2240mm
METALLIZATION:
Type: AlSi
Metal 1 Thickness: 7.125k
Å
±1.125kÅ
Metal 2 Thickness: 9k
Å
±1kÅ
GLASSIVATION:
Type: SiO2
Thickness: 8k
Å
±1kÅ
WORST CASE CURRENT DENSITY:
<2.0 x 105A/cm2
BOND PAD SIZE:
110
µm x 110µm
4.3 mils x 4.3 mils
Metallization Mask Layout
ACTS74MS
R1
VCC
R2
(1)
(14)
(13)
D1
(2)
CP1 (3)
S1 (4)
Q1 (5)
NC
(7)
(6)
(8)
Q1
GND
Q2
(9)
Q2
(12) D2
(11) CP2
(10) S2
NC
Spec Number
518787



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com