Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM30T15AY Datasheet(PDF) 3 Page - STMicroelectronics

Part # SM30T15AY
Description  Automotive 3000 W TVS in SMC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM30T15AY Datasheet(HTML) 3 Page - STMicroelectronics

  SM30T15AY Datasheet HTML 1Page - STMicroelectronics SM30T15AY Datasheet HTML 2Page - STMicroelectronics SM30T15AY Datasheet HTML 3Page - STMicroelectronics SM30T15AY Datasheet HTML 4Page - STMicroelectronics SM30T15AY Datasheet HTML 5Page - STMicroelectronics SM30T15AY Datasheet HTML 6Page - STMicroelectronics SM30T15AY Datasheet HTML 7Page - STMicroelectronics SM30T15AY Datasheet HTML 8Page - STMicroelectronics SM30T15AY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Table 2. Electrical characteristics - parameter values (Tamb = 25 °C, unless otherwise specified)
Type
IRM max at VRM
VBR at IR (1)
10 / 1000 µs
8 / 20µs
αT
VCL(2)(3) IPP(4)
RD
VCL(2)(3) IPP(4)
RD
25 °C 85 °C
Min. Typ. Max.
Max.
Max.
Max.
Max.
Max.
µA
V
V
mA
V
A
mΩ
V
A
mΩ
10-4/°C
SM30T6.8AY/CAY
500
50
5
6.4
6.8
7.1
10
9.2
327
6.42
14.4
1610 4.53
5.7
SM30T7.5AY/CAY
250
50
6.5
7.2
7.5
7.9
10
11.2
268
12.3
15.2
1530 4.77
6.1
SM30T10AY/CAY
10
50
8.5
9.4
10
10.5
1
14.4
208
18.8
18.6
1280 6.33
7.3
SM30T12AY/CAY
0.2
1
10
11.1
12
12.6
1
17
176
25
21.7
1170 7.78
7.8
SM30T15AY/CAY
0.2
1
13
14.4
15
15.8
1
21.5
140
40.7
27.2
993
11.5
8.4
SM30T18AY/CAY
0.2
1
15
16.7 17.6 18.5
1
24.4
123
48
32.5
926
15.1
8.8
SM30T19AY/CAY
0.2
1
16
17.8 18.7 19.6
1
26
115
55.7
34.4
868
17.1
8.8
SM30T21AY/CAY
0.2
1
18
20
21.1 22.2
1
29.2
103
68
39.3
800
21.4
9.2
SM30T23AY/CAY
0.2
1
20
22.2 23.4 24.6
1
32.4
93
83.9
42.8
747
24.4
9.4
SM30T26AY/CAY
0.2
1
22
24.4 25.7
27
1
35.5
85
100
48.3
701
30.4
9.6
SM30T28AY/CAY
0.2
1
24
26.7 28.1 29.5
1
38.9
77
122
50
660
31.1
9.6
SM30T30AY/CAY
0.2
1
26
28.9 30.4 31.9
1
42.1
71
143
53.5
626
34.5
9.7
SM30T33AY/CAY
0.2
1
28
31.1 32.7 34.3
1
45.4
66
168
59
596
41.4
9.8
SM30T35AY/CAY
0.2
1
30
33.3 35.1 36.9
1
48.4
62
185
64.3
569
48.2
9.9
SM30T39AY/CAY
0.2
1
33
36.7 38.6 40.5
1
53.3
56
227
69.7
526
55.5
10
SM30T42AY/CAY
0.2
1
36
40
42.1 44.2
1
58.1
48.4
287
76
503
63.2
10
SM30T47AY/CAY
0.2
1
40
44.4 46.7
49
1
64.5
43.5
356
84
469
74.6
10.1
SM30T56AY/CAY
0.2
1
48
53.2
56
58.8
1
76.6
38.0
468
100
409
101
10.3
SM30T68AY/CAY
0.2
1
58
64.6
68
71.4
1
93.6
32
694
121
325
153
10.4
SM30T75AY/CAY
0.2
1
64
71.3
75
78.8
1
103
29.1
832
134
289
191
10.5
SM30T82AY/CAY
0.2
1
70
77.9
82
86.1
1
113
26.5
1015
146
256
234
10.5
SM30T100AY/CAY
0.2
1
85
95
100
105
1
137
22
1455
178
205
356
10.6
SM30T117AY/CAY
0.2
1
100
111
117
123
1
162
19
2053
212
170
524
10.7
SM30T152AY/CAY
0.2
1
130 144
152
160
1
209
14
3500
265
125
840
10.8
SM30T180AY/CAY
0.2
1
154 171
180
189
1
246
12
4750
317
102
1255
10.8
SM30T200AY/CAY
0.2
1
170 190
200
210
1
275
11
5909
353
90
1589
10.8
SM30T220AY/CAY
0.2
1
188 209
220
231
1
328
9
10778
388
80
1963
10.8
1. To calculate VBR versus Tj : VBR at Tj = VBR at 25 °C x (1 + αT x (Tj - 25))
2. To calculate VCL versus Tj : VCL at Tj = VCL at 25 °C x (1 + αT x (Tj - 25))
3. To calculate VCL max versus IPPappli: VCLmax = VBR max + RD x IPPappli
4. Surge capability given for both directions for unidirectional and bidirectional devices
SM30TxxAY, SM30TxxCAY
Characteristics
DS8599 - Rev 12
page 3/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com