Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TV04K-P Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST25TV04K-P
Description  NFC Type 5 / RFID tag IC with 4-Kbit EEPROM and protection
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TV04K-P Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST25TV04K-P Datasheet HTML 17Page - STMicroelectronics ST25TV04K-P Datasheet HTML 18Page - STMicroelectronics ST25TV04K-P Datasheet HTML 19Page - STMicroelectronics ST25TV04K-P Datasheet HTML 20Page - STMicroelectronics ST25TV04K-P Datasheet HTML 21Page - STMicroelectronics ST25TV04K-P Datasheet HTML 22Page - STMicroelectronics ST25TV04K-P Datasheet HTML 23Page - STMicroelectronics ST25TV04K-P Datasheet HTML 24Page - STMicroelectronics ST25TV04K-P Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 107 page
background image
5.2.2
Passwords and security sessions
ST25TV04K-P provides protection of user memory and system configuration registers. user and host can access
those protected data by opening security sessions with the help of passwords. Access rights is more restricted
when security sessions are closed, and less restricted when security sessions are open.
There is two types of security sessions, as shown in Table 34. Security session type:
Table 34. Security session type
Security session
Open by presenting
Right granted when security session is open, and until it is closed
user
password 1, 2 or 3
(PWD_1,
PWD_2,
PWD_3)
User access to protected user memory as defined in AiSS registers
User write access to password 1, 2 or 3
configuration
password 0
(PWD_0)
User write access to configuration registers
User write access to password 0
1. Password number must be the same as the one selected for protection.
2. Write access to the password number corresponding to the password number presented.
All passwords are 64-bits long, and default factory passwords value is 0000000000000000h.
The ST25TV04K-P passwords management is organized around dedicated set of commands to access the
dedicated registers in system configuration area.
The dedicated password commands are:
•
"Write Password": command (code B1h): see Section 6.4.28 Write password.
•
"Present Password": command (code B3h): see Section 6.4.29 Present password.
User possible actions for security sessions are:
•
Open user security session: "Present Password" command, with password number 1, 2 or 3 and the
valid corresponding password
•
Write password: "Present Password" command, with password number (0, 1, 2 or 3) and the current valid
corresponding password. Then "Write Password" command, with same password number (0, 1, 2 or 3) and
the new corresponding password.
•
Close user security session: "Present Password" command, with a different password number than the
one used to open session or any wrong password. Or remove tag from RF field (POR).
•
Presenting a password with an invalid password number doesn't close the session.
•
Open configuration security session: "Present Password" command, with password number 0 and the
valid password 0.
•
Close configuration security session: "Present Password" command, with a password number different
than 0, or password number 0 and wrong password 0. Or remove tag from field (POR).
•
Presenting a password with an invalid password number doesn't close the session.
Opening any new security session (user or configuration) automatically close the previously open one (even if it
fails).
Caution:
To make the application more robust, it is recommended to use addressed or selected mode during write
password operations to get the traceability of which tags/UID have been programmed
ST25TV04K-P
Data protection
DS12942 - Rev 2
page 21/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com