Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP2GSN Datasheet(PDF) 3 Page - STMicroelectronics

Part # STGAP2GSN
Description  Isolated 3 A single gate driver for Enhancement mode GaN FETs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP2GSN Datasheet(HTML) 3 Page - STMicroelectronics

  STGAP2GSN Datasheet HTML 1Page - STMicroelectronics STGAP2GSN Datasheet HTML 2Page - STMicroelectronics STGAP2GSN Datasheet HTML 3Page - STMicroelectronics STGAP2GSN Datasheet HTML 4Page - STMicroelectronics STGAP2GSN Datasheet HTML 5Page - STMicroelectronics STGAP2GSN Datasheet HTML 6Page - STMicroelectronics STGAP2GSN Datasheet HTML 7Page - STMicroelectronics STGAP2GSN Datasheet HTML 8Page - STMicroelectronics STGAP2GSN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
2
Pin description and connection diagram
Figure 2. STGAP2GSN Pin connection (top view)
1
3
2
IN+
GON
5
7
6
8
VH
4
VDD
GND
IN-
GOFF
GNDISO
Table 1. Pin Description
Pin #
Pin name
Type
Function
1
VDD
Power supply
Driver logic supply voltage.
2
IN+
Logic input
Driver logic input, active high.
3
IN-
Logic input
Driver logic input, active low.
4
GND
Power supply
Driver logic ground.
5
VH
Power supply
Gate driving positive voltage supply.
6
GON
Analog output
Source output.
7
GOFF
Analog output
Sink output.
8
GNDISO
Power supply
Gate driving Isolated ground.
STGAP2GSN
Pin description and connection diagram
DS14151 - Rev 1
page 3/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com