Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM30T152AY Datasheet(PDF) 6 Page - STMicroelectronics

Part # SM30T152AY
Description  Automotive 3000 W TVS in SMC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM30T152AY Datasheet(HTML) 6 Page - STMicroelectronics

Back Button SM30T152AY Datasheet HTML 2Page - STMicroelectronics SM30T152AY Datasheet HTML 3Page - STMicroelectronics SM30T152AY Datasheet HTML 4Page - STMicroelectronics SM30T152AY Datasheet HTML 5Page - STMicroelectronics SM30T152AY Datasheet HTML 6Page - STMicroelectronics SM30T152AY Datasheet HTML 7Page - STMicroelectronics SM30T152AY Datasheet HTML 8Page - STMicroelectronics SM30T152AY Datasheet HTML 9Page - STMicroelectronics SM30T152AY Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Figure 15. ISO7637-2 pulse 3a response (VS = -220 V) with
12 V battery
Figure 16. ISO7637-2 pulse 3b response (VS = 150 V) with
12 V battery
Figure 17. ISO7637-2 pulse 5b definition
Figure 18. Load dump capability
(Us* = f(Ri) pulse 5b, Us = 87 V, tp = 150 ms)
Figure 19. Load dump capability
(Us* = f(Ri) pulse 5b, Us = 87 V, tp = 400 ms)
Figure 20. ISO16750-2 test B definition
SM30TxxAY, SM30TxxCAY
Characteristics (curves)
DS8599 - Rev 12
page 6/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com