Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM4T18CAY Datasheet(PDF) 3 Page - STMicroelectronics

Part # SM4T18CAY
Description  Automotive 400 W TVS in SMA
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM4T18CAY Datasheet(HTML) 3 Page - STMicroelectronics

  SM4T18CAY Datasheet HTML 1Page - STMicroelectronics SM4T18CAY Datasheet HTML 2Page - STMicroelectronics SM4T18CAY Datasheet HTML 3Page - STMicroelectronics SM4T18CAY Datasheet HTML 4Page - STMicroelectronics SM4T18CAY Datasheet HTML 5Page - STMicroelectronics SM4T18CAY Datasheet HTML 6Page - STMicroelectronics SM4T18CAY Datasheet HTML 7Page - STMicroelectronics SM4T18CAY Datasheet HTML 8Page - STMicroelectronics SM4T18CAY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Table 2. Electrical characteristics - parameter values (Tamb = 25 °C, unless otherwise specified)
Type
IRM max at VRM
VBR at IR (1)
10 / 1000 µs
8 / 20µs
αT
VCL(2)(3) IPP(4)
RD
VCL(2)(3) IPP(4)
RD
25 °C 85°C
Min. Typ. Max.
Max.
Max.
Max.
Max.
Max.
µA
µA
V
V
V
V
mA
V
A
Ω
V
A
Ω
10-4/°C
SM4T6V7AY/CAY
20
50
5
6.4
6.74
7.1
10
9.2
43.5
0.049
13.4
174
0.036
5.7
SM4T7V6AY/CAY
20
50
6.5
7.2
7.58
8
10
11.2
35.7
0.091
14.5
160
0.041
6.1
SM4T10AY/CAY
20
50
8.5
9.4
9.9
10.4
1
14.4
27.7
0.145
19.5
124
0.073
7.3
SM4T12AY/CAY
0.2
1
10
11.1 11.7
12.3
1
17
23.5
0.201
21.7
106
0.089
7.8
SM4T14AY/CAY
0.2
1
12 13.3
14
14.7
1
19.9
20.1
0.259
25.3
91
0.116
8.3
SM4T15AY/CAY
0.2
1
13 14.4 15.2
16
1
21.5
18.6
0.298
27.2
85
0.132
8.4
SM4T18AY/CAY
0.2
1
15 16.7 17.6
18.5
1
24.4
16.4
0.361
32.5
71
0.197
8.8
SM4T21AY/CAY
0.2
1
18 20.0 21.1
22.2
1
29.2
13.7
0.514
39.3
59
0.291
9.2
SM4T23AY/CAY
0.2
1
20 22.2 23.4
24.6
1
32.4
12.3
0.637
42.8
54
0.338
9.4
SM4T26AY/CAY
0.2
1
22 24.4 25.7
27
1
35.5
11.2
0.760
48.3
48
0.444
9.6
SM4T28AY/CAY
0.2
1
24 26.7 28.1
29.5
1
38.9
10.3
0.912
50
46
0.446
9.6
SM4T30AY/CAY
0.2
1
26 28.9 30.4
31.9
1
42.1
9.5
1.07
53.5
43
0.502
9.7
SM4T33AY/CAY
0.2
1
28 31.1 32.7
34.3
1
45.4
8.8
1.26
59
39
0.632
9.8
SM4T35AY/CAY
0.2
1
30 33.3 35.1
36.9
1
48.4
8.3
1.39
64.3
36
0.762
9.9
SM4T39AY/CAY
0.2
1
33 36.7 38.6
40.5
1
53.3
7.5
1.70
69.7
33
0.884
10
SM4T47AY/CAY
0.2
1
40 44.4 46.7
49
1
64.5
6.2
2.49
84
27
1.30
10.1
SM4T50AY/CAY
0.2
1
43 47.8 50.3
52.8
1
69.4
5.7
2.91
91
25
1.53
10.2
SM4T56AY/CAY
0.2
1
48 53.3 56.1
58.9
1
77.4
5.2
3.56
100
23
1.79
10.3
SM4T68AY/CAY
0.2
1
58 64.4 67.8
71.2
1
93.6
4.3
5.21
121
19
2.62
10.4
SM4T82AY/CAY
0.2
1
70 77.8 81.9
86
1
113
3.5
7.72
146
16
3.75
10.5
1. To calculate VBR versus Tj : VBR at Tj = VBR at 25 °C x (1 + αT x (Tj - 25))
2. To calculate VCL versus Tj : VCL at Tj = VCL at 25 °C x (1 + αT x (Tj - 25))
3. To calculate VCL max versus IPPappli: VCLmax = VCL - RD x (IPP - IPPappli) where IPP appli is the surge current in the
application
4. Surge capability given for both directions for unidirectional and bidirectional devices
SM4TxxAY, SM4TxxCAY
Characteristics
DS6927 - Rev 5
page 3/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com