Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM4T28CAY Datasheet(PDF) 5 Page - STMicroelectronics

Part # SM4T28CAY
Description  Automotive 400 W TVS in SMA
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM4T28CAY Datasheet(HTML) 5 Page - STMicroelectronics

  SM4T28CAY Datasheet HTML 1Page - STMicroelectronics SM4T28CAY Datasheet HTML 2Page - STMicroelectronics SM4T28CAY Datasheet HTML 3Page - STMicroelectronics SM4T28CAY Datasheet HTML 4Page - STMicroelectronics SM4T28CAY Datasheet HTML 5Page - STMicroelectronics SM4T28CAY Datasheet HTML 6Page - STMicroelectronics SM4T28CAY Datasheet HTML 7Page - STMicroelectronics SM4T28CAY Datasheet HTML 8Page - STMicroelectronics SM4T28CAY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Figure 9. Leakage current versus junction temperature
0
1
10
100
1000
25
50
75
100
125
150
IR (nA)
T j (°C)
VR = VRM
VRM < 10 V
VRM ≥ 10 V
Figure 10. Peak forward voltage drop versus peak forward
current
0.1
1.0
10.0
100.0
0
0.5
1.5
2
2.5
3
3.5
IF (A)
VF (V)
single pulse
Tj = 25 °C
Tj = 125 °C
Figure 11. Thermal impedance junction to ambient versus
pulse duration
1
10
100
1000
0.01
0.1
1
10
100
1000
Zth(j-a) (°C/W)
t p(s)
Single pulse on recommended footprint.
Epoxy printed circuit board FR4, 70 µm Cu thickness
Figure 12. Thermal resistance junction to ambient versus
copper area under each lead
0
20
40
60
80
100
120
140
160
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Rth(j-a) (°C/W)
SCu (cm²)
Single pulse on recommended footprint.
Epoxy printed circuit board FR4, 70 µm Cu thickness
Figure 13. ISO7637-2 pulse 1: Vs = -150 V with 12 V
battery
Figure 14. ISO7637-2 pulse 2a: Vs = +112 V with 12 V
battery
SM4TxxAY, SM4TxxCAY
Characteristics (curves)
DS6927 - Rev 5
page 5/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com