Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9FGP205 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 9FGP205
Description  Frequency Timing Generator for Peripherals
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9FGP205 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 9FGP205 Datasheet HTML 9Page - Renesas Technology Corp 9FGP205 Datasheet HTML 10Page - Renesas Technology Corp 9FGP205 Datasheet HTML 11Page - Renesas Technology Corp 9FGP205 Datasheet HTML 12Page - Renesas Technology Corp 9FGP205 Datasheet HTML 13Page - Renesas Technology Corp 9FGP205 Datasheet HTML 14Page - Renesas Technology Corp 9FGP205 Datasheet HTML 15Page - Renesas Technology Corp 9FGP205 Datasheet HTML 16Page - Renesas Technology Corp 9FGP205 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
IDT®
Frequency Timing Generator for Peripherals
1664—07/16/14
9FGP205
Frequency Timing Generator for Peripherals
13
SMBus Table: CPU Frequency Select and Spread Spectrum Control Register
Byte 0
Name
Control Function
Type0
1
PWD
Bit 7
WOL_STOP_EN
Enables 25M in Power Down
RW
Disable
Enabled
1
Bit 6
Reserved
Reserved
RW
0
Bit 5
Reserved
Reserved
RW
0
Bit 4
DOT96 SS_EN
DOT96 Spread Spectrum Enable
RW
Disable
Enable
0
Bit 3
CPU SS_EN
CPU Spread Spectrum Enable
RW
0
Bit 2
CPU FS2
CPU Freq Select Bit 2
RW
1
Bit 1
CPU FS1
CPU Freq Select Bit 1
RW
0
Bit 0
CPU FS0
CPU Freq Select Bit 0
RW
1
SMBus Table: RMII Output Control Register
Byte 1
Name
Control Function
Type0
1
PWD
Bit 7
RMII_5 Enable
RMII_7 Output Control
RW
Disable
Enable
1
Bit 6
RMII_4 Enable
RMII_6 Output Control
RW
Disable
Enable
1
Bit 5
RMII_3 Enable
RMII_5 Output Control
RW
Disable
Enable
1
Bit 4
RMII_2 Enable
RMII_4 Output Control
RW
Disable
Enable
1
Bit 3
RMII_1 Enable
RMII_3 Output Control
RW
Disable
Enable
1
Bit 2
RMII_0 Enable
RMII_2 Output Control
RW
Disable
Enable
1
Bit 1
RGMII_1 Enable
RGMII_1 Output Control
RW
Disable
Enable
1
Bit 0
RGMII_0 Enable
RGMII_0 Output Control
RW
Disable
Enable
1
SMBus Table: DOT, CPU, 32.768KHz, 25MHz and 33.33MHz Outputs Control Register
Byte 2
Name
Control Function
Type0
1
PWD
Bit 7
CPUCLK PD Drive Mode
Driven in power down
RW
Driven
Hi-Z
1
Bit 6
DOT96SS PD Drive Mode
Driven in power down
RW
Driven
Hi-Z
1
Bit 5
33.33MHz Enable
33.33MHz Output Control
RW
Disable
Enable
1
Bit 4
25MHz_1 Enable
25MHz_1 Output Control
RW
Disable
Enable
1
Bit 3
25MHz_0 Enable
25MHz_0 Output Control
RW
Disable
Enable
1
Bit 2
32.768kHz Enable
32.768KHz Output Control
RW
Disable
Enable
1
Bit 1
CPUCLK Enable
CPUCLK Output Control
RW
Disable
Enable
1
Bit 0
DOT96SS Enable
DOT96SS Output Control
RW
Disable
Enable
1
SMBus Table: DOT96 Frequency Select and Spread Spectrum Control Register
Byte 3
Name
Control Function
Type0
1
PWD
Bit 7
RMII_5 WOL_STOP
RMII_5 runs in power down
RW
Off
Runs
0
Bit 6
RMII_4 WOL_STOP
RMII_4 runs in power down
RW
Off
Runs
0
Bit 5
RMII_3 WOL_STOP
RMII_3 runs in power down
RW
Off
Runs
0
Bit 4
RMII_2 WOL_STOP
RMII_2 runs in power down
RW
Off
Runs
1
Bit 3
DOT96SS FS3
DOT96 Freq Select Bit 3
RW
0
Bit 2
DOT96SS FS2
DOT96 Freq Select Bit 2
RW
0
Bit 1
DOT96SS FS1
DOT96 Freq Select Bit 1
RW
0
Bit 0
DOT96SS FS0
DOT96 Freq Select Bit 0
RW
0
SMBus Table: RMII Strength Control Register
Byte 4
Name
Control Function
Type0
1
PWD
Bit 7
RMII_5 Str
RMII_5 Strength Control
RW
1-Load (1X) 2-Loads (2X)
0
Bit 6
RMII_4 Str
RMII_4 Strength Control
RW
1-Load (1X) 2-Loads (2X)
0
Bit 5
RMII_3 Str
RMII_3 Strength Control
RW
1-Load (1X) 2-Loads (2X)
0
Bit 4
RMII_2 Str
RMII_2 Strength Control
RW
1-Load (1X) 2-Loads (2X)
0
Bit 3
RMII_1 Str
RMII_1 Strength Control
RW
1-Load (1X) 2-Loads (2X)
0
Bit 2
RMII_0 Str
RMII_0 Strength Control
RW
1-Load (1X) 2-Loads (2X)
0
Bit 1
RMII_1 WOL_STOP
RMII_1 runs in power down
RW
Off
Runs
1
Bit 0
RMII_0 WOL STOP
RMII_0 runs in power down
RW
Off
Runs
1
17
Pin #
25
-
-
37
7,8
24
3,4
22
32
33
-
-
-
16
-
Reserved
-
-
-
24
36
28
29
-
28
29
13
25
6
5
-
-
32
29
28
25
See Table 2:
DOT Frequency Selection
Table
24
Pin #
Reserved
See Table 1:
CPU Frequency Selection
Table
Pin #
Pin #
Pin #
33
32
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com