Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM4T68CAY Datasheet(PDF) 4 Page - STMicroelectronics

Part # SM4T68CAY
Description  Automotive 400 W TVS in SMA
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM4T68CAY Datasheet(HTML) 4 Page - STMicroelectronics

  SM4T68CAY Datasheet HTML 1Page - STMicroelectronics SM4T68CAY Datasheet HTML 2Page - STMicroelectronics SM4T68CAY Datasheet HTML 3Page - STMicroelectronics SM4T68CAY Datasheet HTML 4Page - STMicroelectronics SM4T68CAY Datasheet HTML 5Page - STMicroelectronics SM4T68CAY Datasheet HTML 6Page - STMicroelectronics SM4T68CAY Datasheet HTML 7Page - STMicroelectronics SM4T68CAY Datasheet HTML 8Page - STMicroelectronics SM4T68CAY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
1.1
Characteristics (curves)
Figure 3. Maximum peak power dissipation versus initial
junction temperature
0
100
200
300
400
500
0
25
50
75
100
125
150
175
PPP (W)
Tj (°C)
10/1000 µs
Figure 4. Maximum peak pulse power versus exponential
pulse duration
0.1
1
10
0.01
0.1
1
10
P
PP (kW)
Tj initial = 25 °C
t (ms)
p
Figure 5. Maximum peak pulse current versus clamping
voltage
0.1
1
10
100
1000
1
10
100
1000
IPP (A)
VCL (V)
8/20 µs
10/1000 µs
Figure 6. Dynamic resistance versus pulse duration
0.001
0.01
0.1
1
10
100
0.01
0.1
1
10
RD (Ω)
t p(ms)
SM4T6V7AY/CAY
SM4T30AY/CAY
SM4T82AY/CAY
Figure 7. Junction capacitance versus reverse applied
voltage (unidirectional type)
10
100
1000
10000
1
10
100
1000
C (pF)
SM4T6V7AY
SM4T30AY
f = 1 MHz
Vosc = 30 mVRMS
Tj = 25 °C
SM4T82AY
VR (V)
Figure 8. Junction capacitance versus applied voltage
(bidirectional type)
10
100
1000
10000
1
10
100
1000
C (pF)
SM4T6V7AY
SM4T30AY
f = 1 MHz
Vosc = 30 mVRMS
Tj = 25 °C
SM4T82AY
VR (V)
SM4TxxAY, SM4TxxCAY
Characteristics (curves)
DS6927 - Rev 5
page 4/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com