Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM30T152CAY Datasheet(PDF) 2 Page - STMicroelectronics

Part # SM30T152CAY
Description  Automotive 3000 W TVS in SMC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM30T152CAY Datasheet(HTML) 2 Page - STMicroelectronics

  SM30T152CAY Datasheet HTML 1Page - STMicroelectronics SM30T152CAY Datasheet HTML 2Page - STMicroelectronics SM30T152CAY Datasheet HTML 3Page - STMicroelectronics SM30T152CAY Datasheet HTML 4Page - STMicroelectronics SM30T152CAY Datasheet HTML 5Page - STMicroelectronics SM30T152CAY Datasheet HTML 6Page - STMicroelectronics SM30T152CAY Datasheet HTML 7Page - STMicroelectronics SM30T152CAY Datasheet HTML 8Page - STMicroelectronics SM30T152CAY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1
Characteristics
Table 1. Absolute maximum ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
VPP
Peak pulse voltage
ISO10605 (C = 330 pF, R = 330 Ω):
Contact discharge
Air discharge
30
30
kV
ISO10605 / IEC 61000-4-2 (C = 150 pF, R = 330 Ω)
Contact discharge
Air discharge
30
30
PPP
Peak pulse power dissipation
Tj initial = Tamb
3000
W
Tstg
Storage temperature range
-65 to +175
°C
Tj
Operating junction temperature range
-55 to +175
°C
TL
Maximum lead temperature for soldering during 10 s
260
°C
Figure 1. Electrical characteristics - parameter definitions
Figure 2. Pulse definition for electrical characteristics
SM30TxxAY, SM30TxxCAY
Characteristics
DS8599 - Rev 12
page 2/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com