Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS32R264KBK0MMM Datasheet(PDF) 4 Page - NXP Semiconductors

Part # FS32R264KBK0MMM
Description  S32R274/S32R264 Series Data Sheet
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32R264KBK0MMM Datasheet(HTML) 4 Page - NXP Semiconductors

  FS32R264KBK0MMM Datasheet HTML 1Page - NXP Semiconductors FS32R264KBK0MMM Datasheet HTML 2Page - NXP Semiconductors FS32R264KBK0MMM Datasheet HTML 3Page - NXP Semiconductors FS32R264KBK0MMM Datasheet HTML 4Page - NXP Semiconductors FS32R264KBK0MMM Datasheet HTML 5Page - NXP Semiconductors FS32R264KBK0MMM Datasheet HTML 6Page - NXP Semiconductors FS32R264KBK0MMM Datasheet HTML 7Page - NXP Semiconductors FS32R264KBK0MMM Datasheet HTML 8Page - NXP Semiconductors FS32R264KBK0MMM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 78 page
background image
Introduction
1.1 Family comparison
The following table provides a comparison of the devices: S32R274, S32R264, and
MPC5775K . This information is intended to provide an understanding of the range of
functionality offered by this family. For full details of all of the family derivatives please
contact your marketing representative.
Table 1. S32R274 and S32R264 Family Comparison
Feature
S32R274K
S32R274J
S32R264K
S32R264J
MPC5775K
CPUs
e200z420 lock-step
2x e200z7260
SIMD
SPE2 + EFP2 (z7)
Maximum
Operating
Frequency
240 MHz (z7
cores) / 180 MHz
(z4)
266 MHz (z7
cores) / 133 MHz
(z4)
240 MHz (z7
cores) / 180 MHz
(z4)
266 MHz (z7
cores) / 133 MHz
(z4)
266 MHz (z7
cores) / 133 MHz
(z4)
Flash
2 MB with ECC
4 MB with ECC
EEPROM support
64 KB (emulation)
96 KB (emulation)
RAM
1.5 MB with ECC
ECC
end-to-end
MPU
Core MPU: 24 entries per core, System MPU: 2x16 entries
eDMA
safe eDMA with 32 channels, 64 triggers
Control ADC
2x 12-bit SAR ADC, 1 MSps input mux for 16 external channels
4x 12-bit SAR
ADC, 1 MSps, input
mux for 37 external
channels
SD-ADC
4 channels, 10 MSps
–
–
8 channels, 10
MSps
SPT
1x
CTE
1x
WGM
1x
CTU
1x
2x
SWT
3x
STM
3x
PIT
2x
CRC
2x
SEMA42
1x
LINFlexD
1x
4x
CAN
3x FlexCAN including 2x FlexCAN-FD
4x FlexCAN + 1x
MCAN-FD
Table continues on the next page...
1
Introduction
S32R274/S32R264 Series Data Sheet, Rev. 6, 06/2021
4
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com