Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2990P Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # 2990P
Description  Non-Relampable Incandescent Indicator Lights
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

2990P Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  2990P Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIP TION A ND FE A T URES
2990P Series Non-Relampable Incandescent Indicator Lights
Mounting: Ø.500 MIN.
Wire Leads: No.24 AWG 4.40/4.80 long, stripped .430/.570
Lens: Polycarbonate
Bezel: Mirror finish chrome plated steel
Underwriters Laboratories (UL) File No. E20325
Canadian Standards Association (CSA) File No. LR13346
All dimensions
in inches.
Blue
G reen
White
Amber
Red
Lens C olor
2990P 6-12V
2990P 5-12V
2990P 4-12V
2990P 3-12V
2990P 1-12V
(12V )
Model No.
Incandes cent
2990P 6-28V
2990P 5-28V
2990P 4-28V
2990P 3-28V
2990P 1-28V
(28V )
Model No.
Lamp us ed
#2162
#2187
Lead color
Yellow
Purple
Mounting
P lug-button bezel
MAX .
Ø.310
.940
.140
.656
America:
CML Innovative Technologies,Inc.
147 Central Avenue
Hackensack, NJ 07601 -USA
Tel:1-201-489 -8989
Fax:1-201-489 -6911
e-mail:americas@cml-it.com
Europe:
CML Technologies GmbH &Co.KG
Robert-Bunsen-Str.1
67098 Bad Dürkheim -GERMANY
Tel:+49 (0)6322 9567-0
Fax:+49 (0)6322 9567-88
e-mail:europe@cml-it.com
Asia:
CML Innovative Technologies,Inc.
61 Aida Street
Singapore 459975
Tel:(65)9630 -5003
e-mail:asia@cml-it.com
CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product


Similar Part No. - 2990P

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
2990P-R-FA EMCORE-2990P-R-FA Datasheet
78Kb / 2P
DBS L-Band Transport
2990P-R-SA EMCORE-2990P-R-SA Datasheet
78Kb / 2P
DBS L-Band Transport
2990P-T-1310-FA EMCORE-2990P-T-1310-FA Datasheet
78Kb / 2P
DBS L-Band Transport
2990P-T-1310-SA EMCORE-2990P-T-1310-SA Datasheet
78Kb / 2P
DBS L-Band Transport
2990PRO EMCORE-2990PRO Datasheet
78Kb / 2P
DBS L-Band Transport
More results

Similar Description - 2990P

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1050N CML-1050N Datasheet
220Kb / 1P
Non-Relampable Neon-Incandescent Indicator Lights
1050QC CML-1050QC Datasheet
220Kb / 1P
Non-Relampable Neon-Incandescent Indicator Lights
2195QA CML-2195QA Datasheet
229Kb / 1P
Non-Relampable Incandescent Indicator Lights
2330QD CML-2330QD Datasheet
219Kb / 1P
Non-Relampable Neon-Incandescent Indicator Lights
2990D CML-2990D Datasheet
219Kb / 1P
Non-Relampable Incandescent Indicator Lights
logo
Visual Communications C...
1050C VCC-1050C Datasheet
70Kb / 1P
Non-Relampable Incandescent Indicator Lights
1090QA VCC-1090QA Datasheet
63Kb / 1P
Non-Relampable Incandescent Indicator Lights
2150A VCC-2150A Datasheet
65Kb / 1P
Non-Relampable Neon-Incandescent Indicator Lights
2195QA VCC-2195QA Datasheet
62Kb / 1P
Non-Relampable Incandescent Indicator Lights
2110A VCC-2110A Datasheet
65Kb / 1P
Non-Relampable Neon-Incandescent Indicator Lights
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com