Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP69 Datasheet(PDF) 21 Page - Nexperia B.V. All rights reserved

Part # BCP69
Description  20 V, 2 A PNP medium power transistors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BCP69 Datasheet(HTML) 21 Page - Nexperia B.V. All rights reserved

Back Button BCP69 Datasheet HTML 16Page - Nexperia B.V. All rights reserved BCP69 Datasheet HTML 17Page - Nexperia B.V. All rights reserved BCP69 Datasheet HTML 18Page - Nexperia B.V. All rights reserved BCP69 Datasheet HTML 19Page - Nexperia B.V. All rights reserved BCP69 Datasheet HTML 20Page - Nexperia B.V. All rights reserved BCP69 Datasheet HTML 21Page - Nexperia B.V. All rights reserved BCP69 Datasheet HTML 22Page - Nexperia B.V. All rights reserved BCP69 Datasheet HTML 23Page - Nexperia B.V. All rights reserved BCP69 Datasheet HTML 24Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
© Nexperia B.V. 2017. All rights reserved
BCP69_BC869_BC69PA
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 7 — 12 October 2011
21 of 24
Nexperia
BCP69; BC869; BC69PA
20 V, 2 A PNP medium power transistors
12. Revision history
Table 10.
Revision history
Document ID
Release date
Data sheet status
Change notice Supersedes
BCP69_BC869_BC69PA v.7
20111012
Product data sheet
-
BC869_6
BCP69_6
Modifications:
• The format of this document has been redesigned to comply with the new identity
guidelines of NXP Semiconductors.
• Legal texts have been adapted to the new company name where appropriate.
• Type number BC69PA added
• Type number BCP69-16/DG and BCP69-16/IN removed
• Section 1 “Product profile”: updated
• Section 2 “Pinning information”: updated
• Section 3 “Ordering information”: updated
• Section 4 “Marking”: updated
• Section 10 “Packing information”:updated
• Table 6, 7 and 8: updated according to latest measurements
• Figure 1, 15 to 18 updated
• Figure 2 to 14, 24 to 25, 28 to 30: added
BC869_6
20041108
Product data sheet
-
BC869_5
BC869_5
20031202
Product specification
-
BC869_4
BC869_4
19990408
Product specification
-
BC869_3
BC869_3
19980716
Product specification
-
BC869_CNV_2
BC869_CNV_2
19970401
Product specification
-
-
BCP69_6
20081202
Product data sheet
-
BCP69_5
BCP69_5
20031125
Product specification
-
BCP69_4
BCP69_4
20021115
Product specification
-
BCP69_3
BCP69_3
19990408
Product specification
-
BCP69_CNV_2
BCP69_CNV_2
19970312
Product specification
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com