Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCV47 Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # BCV47
Description  NPN Darlington transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BCV47 Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  BCV47 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BCV47 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BCV47 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BCV47 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BCV47 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BCV47 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BCV47 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BCV47 Datasheet HTML 8Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Nexperia
BCV47
NPN Darlington transistor
10. Characteristics
Table 7. Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
V(BR)CBO
collector-base
breakdown voltage
IC = 100 µA; IE = 0 A; Tamb = 25 °C
80
-
-
V
V(BR)CES
collector-emitter
breakdown voltage
IC = 2 mA; VBE = 0 V; Tamb = 25 °C
60
-
-
V
V(BR)EBO
emitter-base
breakdown voltage
IC = 0 A; IE = 100 µA; Tamb = 25 °C
10
-
-
V
ICBO
collector-base cut-off
current
VCB = 60 V; IE = 0 A; Tamb = 25 °C
-
-
100
nA
ICES
collector-emitter cut-off
current
VCE = 60 V; VBE = 0 V; Tamb = 25 °C
-
-
100
nA
IEBO
emitter-base cut-off
current
VEB = 10 V; IC = 0 A; Tamb = 25 °C
-
-
100
nA
VCE = 5 V; IC = 1 mA; Tamb = 25 °C
[1]
2000
-
-
VCE = 5 V; IC = 10 mA; Tamb = 25 °C
[1]
4000
-
-
VCE = 5 V; IC = 100 mA; Tamb = 25 °C
[1]
10000 -
-
hFE
DC current gain
VCE = 5 V; IC = 500 mA; Tamb = 25 °C
[1]
2000
-
-
VCEsat
collector-emitter
saturation voltage
IC = 100 mA; IB = 1 mA; Tamb = 25 °C
-
-
1
V
VBEsat
base-emitter saturation
voltage
IC = 100 mA; IB = 0.1 mA; Tamb = 25 °C
-
-
1.5
V
VBEon
base-emitter turn-on
voltage
IC = 10 mA; VCE = 5 V; Tamb = 25 °C
-
-
1.4
V
[1] Pulse test: tp ≤ 300 μs; δ ≤ 0.02
mgd837
0
60000
80000
20000
40000
10-1
1
IC (mA)
hFE
10
102
103
VCE = 2 V
Fig. 1. DC current gain; typical values
BCV47
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
1 October 2022
3 / 8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com